Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 40 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 36Page - STMicroelectronics STW5098BBLR Datasheet HTML 37Page - STMicroelectronics STW5098BBLR Datasheet HTML 38Page - STMicroelectronics STW5098BBLR Datasheet HTML 39Page - STMicroelectronics STW5098BBLR Datasheet HTML 40Page - STMicroelectronics STW5098BBLR Datasheet HTML 41Page - STMicroelectronics STW5098BBLR Datasheet HTML 42Page - STMicroelectronics STW5098BBLR Datasheet HTML 43Page - STMicroelectronics STW5098BBLR Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
Control registers
STw5098
40/85
2MICMUTE
1
0
Microphone preamplifiers are muted
Microphone preamplifiers are not muted
1
1-0
MICSEL(1:0)
00
01
10
11
Input pins connected to microphone preamplifiers (if MICMUTE=0)
MIC
(MICLP-MICLN, MICRP-MICRN)
AUX1
(AUX1L, AUX1R)
AUX2
(AUX2LP-AUX2LN, AUX2RP-AUX2RN)
AUX3
(AUX3L, AUX3R)
00
Table 17.
CR19 description
Bits
Name
Value
CR19 Description
Def.
7-6
VCML(1:0)
00
01
10
11
Common mode voltage level for line out and headphones drivers
1.20 V
1.35 V (default)
1.50 V
1.65 V
01
4MUTELO
1
0
Line out drivers are muted
Line out drivers are not muted
1
3MUTEHP
1
0
Headphones drivers (HP) are muted
Headphones drivers (HP) are not muted
1
2
1EARLIM
1
0
EAR/LS driver gain is limited when VCCLS is above 4.2V typ
EAR/LS driver (LS) gain is not limited
0
2LSLIM
1-0
1EARSEL(1:0)
00
01
10
11
Mute Loudspeaker driver (LS) is muted
Right Right channel mixer only connected to loudspeaker driver
Left
Left channel mixer only connected to loudspeaker driver
Mono (Left + Right)/2 channel mixers connected to loudspeaker
driver
00
2LSSEL(1:0)
Table 16.
CR18 description
Bits
Name
Value
CR18 description
Def.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com