Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 13Page - STMicroelectronics STW5098BBLR Datasheet HTML 14Page - STMicroelectronics STW5098BBLR Datasheet HTML 15Page - STMicroelectronics STW5098BBLR Datasheet HTML 16Page - STMicroelectronics STW5098BBLR Datasheet HTML 17Page - STMicroelectronics STW5098BBLR Datasheet HTML 18Page - STMicroelectronics STW5098BBLR Datasheet HTML 19Page - STMicroelectronics STW5098BBLR Datasheet HTML 20Page - STMicroelectronics STW5098BBLR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
STw5098
Functional description
17/85
4
Functional description
4.1
Naming convention
The STw5098 is composed of two identical entities, with their respective set of control
registers.
Regarding the pin labelling, a pin name preceded by 1 refers to entity 1 and a pin name
preceded by 2 refers to entity 2 (ie.g. 1SCLK, 2SCLK). In the following sections, no
distinction is made between the two entities when it is not relevant. Consequently, the 1 and
2 prefixes for entities 1 and 2 respectively are omitted. The same naming convention applies
to the control registers (CRxxx).
4.2
Power supply
STw5098 can have different supply voltages for different blocks, to optimize performance,
power consumption and connectivity. See
Section 9.2 on page 59 for voltage definition.
The correct sequence to apply supply voltage is to set first (and unset last) the digital I/O
supply (VCCIO). The other supply voltages can be set in any order and can be disconnected
individually, if needed. Disconnection does not cause any harm to the device and no extra
current is pulled from any supply during this operation. Moreover if a voltage conflict is
detected, like VCCA < VCC (not allowed), simply all blocks connected to VCCA are set to
power down and no extra current is pulled from supply.
When VCCIO is set and VCC (digital supply) is not set, all the digital output pins are in high
impedance state, while the digital inputs are disconnected to avoid power consumption for
any input voltage value between GND and VCCIO. Before VCC is disconnected the device
has to be reset (SWRES bit in CR30).
When the analog supply (VCCA) is set and VCC is not set, all the analog inputs are in high
impedance state.
The two sets of control registers are powered by VCC pins (digital supply) so if these pins
are disconnected all the information stored in control registers is lost. When the digital
supply voltage is set, a power-on-reset (POR) circuit sets all the registers content to the
default value and then generates IRQ signals writing 1 in bits PORMSK end POREV in
CR31 and CR32 respectively for both entities.
All supplies must be on during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com