Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 48 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 44Page - STMicroelectronics STW5098BBLR Datasheet HTML 45Page - STMicroelectronics STW5098BBLR Datasheet HTML 46Page - STMicroelectronics STW5098BBLR Datasheet HTML 47Page - STMicroelectronics STW5098BBLR Datasheet HTML 48Page - STMicroelectronics STW5098BBLR Datasheet HTML 49Page - STMicroelectronics STW5098BBLR Datasheet HTML 50Page - STMicroelectronics STW5098BBLR Datasheet HTML 51Page - STMicroelectronics STW5098BBLR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 85 page
background image
Control registers
STw5098
48/85
5.10
AGC
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR34
(22h)
AGC
attack/decay
coeff.
AGCATT(3:0)
AGCDEC(3:0)
0000
0000
CR35
(23h)
AGC control
X
ENAG
CLIN
ENAG
CMIC
AGC
RANGE
AGCLEV(3:0)
0000
0000
Table 28.
CR 34 description
Bits
Name
Value
CR 34 description
Def.
7-4
AGCATT(3:0)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
AGC attack time constant; FS=AD data rate
0000
Audio filter in AD path
4096 / FS
2048 / FS
1365 / FS
1024 / FS
683 / FS
512 / FS
341 / FS
256 / FS
171 / FS
128 / FS
85 / FS
64 / FS
43 / FS
32 / FS
Voice filter in AD path
8192 / FS
4096 / FS
2731 / FS
2048 / FS
1365 / FS
1024 / FS
683 / FS
512 / FS
341 / FS
256 / FS
171 / FS
128 / FS
85 / FS
64 / FS
3-0
AGCDEC(3:0)
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
AGC decay time constant; FS=AD data rate
0000
Audio filter in AD path
65536 / FS
32768 / FS
21845 / FS
16384 / FS
10923 / FS
8192 / FS
5461 / FS
4096 / FS
2731 / FS
2048 / FS
1365 / FS
1024 / FS
683 / FS
512 / FS
341 / FS
256 / FS
Voice filter in AD path
131072 / FS
65536 / FS
43691 / FS
32768 / FS
21845 / FS
16384 / FS
10923 / FS
8192 / FS
5461 / FS
4096 / FS
2731 / FS
2048 / FS
1365 / FS
1024 / FS
683 / FS
512 / FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com