Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 71 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 67Page - STMicroelectronics STW5098BBLR Datasheet HTML 68Page - STMicroelectronics STW5098BBLR Datasheet HTML 69Page - STMicroelectronics STW5098BBLR Datasheet HTML 70Page - STMicroelectronics STW5098BBLR Datasheet HTML 71Page - STMicroelectronics STW5098BBLR Datasheet HTML 72Page - STMicroelectronics STW5098BBLR Datasheet HTML 73Page - STMicroelectronics STW5098BBLR Datasheet HTML 74Page - STMicroelectronics STW5098BBLR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 85 page
background image
STw5098
AD to DA mixing (sidetone) specifications
71/85
14
AD to DA mixing (sidetone) specifications
Information included in this section applies to both entities.
Typical measures at VCCA=VCCP=VCCLS=2.7V; VCCIO=VCC=1.8V; Tamb=25° C;13MHz
AMCK.
DAtgd
Group delay
Audio filters, 96kHz FS
Audio filters, 48kHz FS
Audio filters, 8kHz FS
0.09
0.4
2.6
ms
ms
ms
Interchannel
isolation
2Vpp output
HPR, HPL unloaded
HPR, HPL with 16
Ω to VCMHP
100
60
dB
dB
Interchannel gain
mismatch
0.2
dB
Gain error
0.5
dB
SUT
Startup time from
power up
FS=48 kHz
Line out
HPL/R out
1
10
ms
ms
Note: When 2.4 V < VCCA < 2.7 V, values are reduced by 2 dB
Table 53.
Stereo audio DAC specifications (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 54.
AD to DA mixing (sidetone) specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
STDEL
AD to DA mixing
(sidetone) delay
Valid for audio and voice filters
5
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com