Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 21Page - STMicroelectronics STW5098BBLR Datasheet HTML 22Page - STMicroelectronics STW5098BBLR Datasheet HTML 23Page - STMicroelectronics STW5098BBLR Datasheet HTML 24Page - STMicroelectronics STW5098BBLR Datasheet HTML 25Page - STMicroelectronics STW5098BBLR Datasheet HTML 26Page - STMicroelectronics STW5098BBLR Datasheet HTML 27Page - STMicroelectronics STW5098BBLR Datasheet HTML 28Page - STMicroelectronics STW5098BBLR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 85 page
background image
STw5098
Functional description
25/85
Filter, with DC offset removal and FIR image filtering; and a standard mono voice-channel
filter (uses left channel input and feeds both channel output). The AD path includes a digital
gain control (ADCLG, ADCRG in CR12 and CR13 respectively) in the range -57 to +8 dB.
The maximum gain from Mic Preamplifier to AD interface is then 47 dB. When Audio filter is
selected in both AD and DA paths then DA audio data can be summed to AD data and sent
to the AD Audio Interface (see DA2ADG in CR15). Left and right channels can be
independently switched on and off to save power, if needed (bits ENADCL and ENADCR in
CR1)
4.13
DA paths
In each entity the DA path converts digital data from the digital audio interface to analog
domain and feeds it to the analog mixer. Incoming audio data is processed with a DSP
where different filters are selectable (bit DAVOICE in CR29): Audio filter, stereo, with FIR
image filtering, bass and treble controls (bits BASS and TREBLE in CR14), de-emphasis
filter; and a standard voice channel filter, mono (uses left channel input and feeds both
channel output). A dynamic compression function is available for both audio and voice filters
(bit DYNC in CR14). The DA path includes a digital gain control (DACLG, DACRG in CR10
and CR11 respectively) in the range -65 to 0 dB. AD to DA mixing (sidetone) can be
enabled: see CR16 for details. Left and right channel can be independently switched on and
off to save power, if needed (bits ENDACL and ENDACR in CR1).
4.14
Analog-only operations
Each entity from the STw5098 can operate without AMCK master clock if analog-only
functions are used. It is possible to mix Microphone and Line In preamplifiers signals and
listen through headphones, loudspeaker or send them to line-out. The analog-only operation
is enabled with bit ENOSC in CR0. When ENOSC=1 the AD and DA paths cannot be used.
In Analog Mode, each of the two entities can handle two different stereo audio signals, so it
can be used as a front end for an external voice codec that does not include microphone
preamplifiers and power drivers: mic signal is sent through Microphone preamplifiers directly
to line out drivers (Transmit path), while Receive signal is sent through Line In amplifiers to
the selected power drivers.
4.15
Automatic Gain Control (AGC)
STw5098 provides a digital Automatic Gain Control in AD path for each entity. The circuit
can control the input gain at MIC preamplifier, Line In amplifier or both (bits ENAGCMIC and
ENAGCLIN in CR35). When one input is selected, the center gain value used for the input is
fixed with bits MICLG, MICRG, LINLG and LINRG in CR3 to CR6 (like in normal operation),
then the AGC circuit adds to all the gains a value in the range -10.5 dB to +10.5 dB (or,
extended with bit AGCRANGE in CR35, -21 dB to 21 dB), in order to obtain an average level
at the digital interface output in the range -6 dB to -30 dB (selected with bits AGCLEV in
CR35). The AGC added gain acts directly in the input gain, to avoid input saturation and
improve S/N ratio, so it cannot exceed the input gain range. When MIC and Line-In inputs
are selected simultaneously the control is performed on the sum of the two, preserving the
balance fixed with input gains. Different values for Attack and Decay constants can be
selected, depending on the kind of signal the AGC has to control (i.e. voice, music). The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com