Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 24Page - STMicroelectronics STW5098BBLR Datasheet HTML 25Page - STMicroelectronics STW5098BBLR Datasheet HTML 26Page - STMicroelectronics STW5098BBLR Datasheet HTML 27Page - STMicroelectronics STW5098BBLR Datasheet HTML 28Page - STMicroelectronics STW5098BBLR Datasheet HTML 29Page - STMicroelectronics STW5098BBLR Datasheet HTML 30Page - STMicroelectronics STW5098BBLR Datasheet HTML 31Page - STMicroelectronics STW5098BBLR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 85 page
background image
Control registers
STw5098
28/85
5
Control registers
5.1
Summary
Table 2.
Control register summary
CR#
(hex)
Description
D7
D6
D5
D4
D3
D2D1D0
Def.
CR0
(00h)
Supply & power
control #1
POWER
UP
ENANA
ENAMCK
ENOSC
ENPLL
ENHSD
A24V
D12V
0000
0000
CR1
(01h)
Power control #2 ENADCL ENADCR
ENDACL
ENDACR
ENMICL
ENMICR
ENLINL
ENLINR
0000
0000
CR2
(02h)
Power control #3
ENLOL
ENLOR
ENHPL
ENHPR
ENHPVC
M
1ENEAR
2ENLS
ENMIXL
ENMIXR
0000
0000
CR3
(03h)
Mic gain left
MICLA(2:0)
MICLG(4:0)
0000
0000
CR4
(04h)
Mic gain right
MICRA(2:0)
MICRG(4:0)
0000
0000
CR5
(05h)
Line in gain left
X
X
X
LINLG(4:0)
0000
1001
CR6
(06h)
Line in gain right
X
X
X
LINRG(4:0)
0000
1001
CR7
(07h)
LO gain & LS
gain
XLOG(2:0)
1EARG(3:0)
2LSG(3:0)
0000
0011
CR8
(08h)
HPL gain
XX
X
HPLG(4:0)
0000
0011
CR9
(09h)
HPR gain
XX
X
HPRG(4:0)
0000
0011
CR10
(0Ah)
DAC digital gain
left
X
X
DACLG(5:0)
0000
0000
CR11
(0Bh)
DAC digital gain
right
X
X
DACRG(5:0)
0000
0000
CR12
(0Ch)
ADC digital gain
left
X
X
ADCLG(5:0)
0000
1000
CR13
(0Dh)
ADC digital gain
right
X
X
ADCRG(5:0)
0000
1000
CR14
(0Eh)
Bass/treble/de-
emphasis
DYNC
TREBLE(2:0)
BASS(3:0)
0000
0000
CR15
(0Fh)
DA to AD mixing
gain
X
X
X
DA2ADG(4:0)
0000
0000
CR16
(10h)
AD to DA
mix/sidetone
gain
XX
AD2DAG(5:0)
0000
0000
CR17
(11h)
Mixer switches &
mic bias
MBIAS
M
BIASPD
ADMIC
ADLIN
MIXMIC
MIXLIN
MIXDAC
MICLO
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com