Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 36 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 32Page - STMicroelectronics STW5098BBLR Datasheet HTML 33Page - STMicroelectronics STW5098BBLR Datasheet HTML 34Page - STMicroelectronics STW5098BBLR Datasheet HTML 35Page - STMicroelectronics STW5098BBLR Datasheet HTML 36Page - STMicroelectronics STW5098BBLR Datasheet HTML 37Page - STMicroelectronics STW5098BBLR Datasheet HTML 38Page - STMicroelectronics STW5098BBLR Datasheet HTML 39Page - STMicroelectronics STW5098BBLR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
Control registers
STw5098
36/85
5.4
DSP control
CR#
(hex)
Description
D7D6D5D4
D3
D2D1
D0
Def.
CR14
(0Eh)
Bass/treble/de-
emphasis
DYNC
TREBLE(2:0)
BASS(3:0)
0000
0000
CR15
(0Fh)
DA to AD mixing
gain
XX
X
DA2ADG(4:0)
0000
0000
CR16
(10h)
AD to DA
mix/sidetone
gain
XX
AD2DAG(5:0)
0000
0000
Table 12.
CR14 description
Bits
Name
Value
CR14 description
Def.
7DYNC
1
0
Audio dynamic compression in D/A path is enabled
Audio dynamic compression in D/A path is disabled
0
6-4
TREBLE(2:0)
011
010
001
000
111
110
101
100
Treble control in D/A path
+6.0 dB treble gain
+4.0 dB treble gain
+2.0 dB treble gain
0.0 dB treble gain
-2.0 dB treble gain
-4.0 dB treble gain
-6.0 dB treble gain
De-emphasis filter enabled
000
3-0
BASS(3:0)
0101
0100
0011
0010
0001
0000
1111
1110
1101
1100
1011
Bass control in D/A path
+12.5 dB bass gain
+10.0 dB bass gain
+7.5 dB bass gain
+5.0 dB bass gain
+2.5 dB bass gain
0.0 dB bass gain
-2.5 dB bass gain
-5.0 dB bass gain
-7.5 dB bass gain
-10.0 dB bass gain
-12.5 dB bass gain
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com