Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 74 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 70Page - STMicroelectronics STW5098BBLR Datasheet HTML 71Page - STMicroelectronics STW5098BBLR Datasheet HTML 72Page - STMicroelectronics STW5098BBLR Datasheet HTML 73Page - STMicroelectronics STW5098BBLR Datasheet HTML 74Page - STMicroelectronics STW5098BBLR Datasheet HTML 75Page - STMicroelectronics STW5098BBLR Datasheet HTML 76Page - STMicroelectronics STW5098BBLR Datasheet HTML 77Page - STMicroelectronics STW5098BBLR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
Typical performance plots
STw5098
74/85
17
Typical performance plots
Figure 14.
Bass treble control, de-emphasis
filter
Figure 15.
Dynamic compressor transfer
function
Figure 16.
ADC audio path measured filter
response
Figure 17.
ADC in band audio path measured
filter response
Figure 18.
DAC digital audio filter
characteristics
Figure 19.
DAC in band digital audio filter
characteristics
Bass and treble gains are independently selectable in any combination.
The de-emphasis filter (thick line, alternative to treble control)
compensates for pre-emphasis used on some audio CDs.
Gain error < 0.1dB. Filter characteristics at Fs=44.1kHz are plotted
-15
-10
-5
0
5
10
15
100
1k
10k
Frequency [Hz]
Audio signal transfer function when the Dynamic Compressor is active.
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-1 -0.75-0.5-0.25 0 0.25 0.5 0.75 1
Input Amplitude [FS]
48 kHz sample rate.
Full ADC path Frequency response up to 100 kHz.
-80
-70
-60
-50
-40
-30
-20
-10
0
100
1k
10k
100k
Frequency [Hz]
48 kHz Sample Rate.
In band Frequency response
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
5k
10k
15k
20k
Frequency [Hz]
DA96K=0; 48 kHz Sample Rate
Frequency response up to 166kHz (3.45 Fs @ 48kHz sampling rate)
-80
-60
-40
-20
0
100
1k
10k
100k
Frequency [Hz]
48 kHz Sample Rate
In band Frequency response
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
5k
10k
15k
20k
Frequency [Hz]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com