Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW5098BBLR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 29Page - STMicroelectronics STW5098BBLR Datasheet HTML 30Page - STMicroelectronics STW5098BBLR Datasheet HTML 31Page - STMicroelectronics STW5098BBLR Datasheet HTML 32Page - STMicroelectronics STW5098BBLR Datasheet HTML 33Page - STMicroelectronics STW5098BBLR Datasheet HTML 34Page - STMicroelectronics STW5098BBLR Datasheet HTML 35Page - STMicroelectronics STW5098BBLR Datasheet HTML 36Page - STMicroelectronics STW5098BBLR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
STw5098
Control registers
33/85
Table 7.
CR5 and CR6 description
Bits
Name CR5
Name CR6
Value
CR5 and CR6 description
Def.
4-0
LINLG(4:0)
LINRG(4:0)
00000
00001
00010
...
01001
...
10011
Left (CR5) and right (CR6) channels line in gain
18.0 dB gain
16.0 dB gain
14.0 dB gain
...step 2.0 dB
0.0 dB gain (default)
...step 2.0 dB
-20.0 dB gain
01001
Table 8.
CR7 description
Bits
Name
Value
CR7 description
Def.
6-4
LOG(2:0)
000
001
010
...
110
Left and right channel line out drivers gain
Gain to differential output
Equivalent single-ended gain
18.0 dB gain (default)
-24.0 dB gain (default)
-15.0 dB gain
-21.0 dB gain
-12.0 dB gain
-18.0 dB gain
...step 3 dB
...step 3 dB
00 dB gain
-6.0 dB gain
000
3-0
1EARG(3:0)
0000
0001
0010
0011
...
1111
32
Ω earphone gain/ 8Ω loudspeaker gain
6.0 dB gain
4.0 dB gain
2.0 dB gain
0.0 dB gain (default)
...step 2.0 dB
-24.0 dB gain
0011
2LSG(3:0)
Table 9.
CR8 and CR9 description
Bits
Name CR8
Name CR9
Value
CR8 and CR9 description
Def.
4-0
HPLG(4:0)
HPRG(4:0)
00000
00001
00010
00011
...
10100
Left (CR8) and right (CR9) channels headphones driver gain
0.0 dB gain
-2.0 dB gain
-4.0 dB gain
-6.0 dB gain (default)
...step 2.0 dB
-40.0 dB gain
00011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com