Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 2Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 3Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 4Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 5Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 6Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 7Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 9Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RT8800A
6
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Error Amplifier
DC Gain
--
65
--
dB
Gain-Bandwidth Product
GBW
CL = 10pF
--
10
--
MHz
Slew Rate
SR
CL = 10pF
--
8
--
V/
μs
Current Sense GM Amplifier
Recommended Full Scale Source Current
100
--
--
μA
Protection
Over-Voltage Trip (VFB – VPI)
--
500
--
mV
Power Good
PGOOD Output Low Voltage
VPGOOD
IPGOOD = 4mA
--
--
0.2
V
PGOOD Delay
TPGOOD_Delay 90% * VOUT to PGOOD_H
4
--
8
ms
Note 1.
Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
Devices are ESD sensitive. Handling precaution recommended.
Note 3.
The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com