Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 10Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 11Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 12Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 13Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 14Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 15Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 16Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 17Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
RT8800A
14
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Rewriting Equation (3), we get
CSN
LX
LX_Valley
COMM
F
R
R
I
R
V
≥
×
×
The technique mentioned above also provides output voltage
offset function specified by Intel ® VRD10.x. The offset
voltage level is calculated as:
F
CSN
ADJ
OFFSET
V
R
R
V
=
Enough bias current is required for a Schottky to act like
a voltage source. Users should choose the appropriate
RCS based on the IV characteristic of the diode
(Figure 12)
Figure 12
I
V
Zone 1
Zone 2
IV Characteristic
According to Figure 12, the forward voltage of diode will
be different results from the different conduction current.
So when the characteristic of diode in the circuit you
design is in zone 1, this will result in Spec. mis-met. It is
because when the VCORE is changed during DVID, the
node VCORE- VF is also changed to produce the differential
conduction current of diode
ΔI and the ΔI will result in
producing the differential forward voltage of diode
ΔVF
Referring to Equation (1). The
ΔVF would get ΔIX. Then
the VCORE must be subtracted the extra voltage V(EXT)(
ΔIX
x RADJ ) during DVID. So you will get the
ΔVCORE = V(MAX)
- V(MIN) - V(EXT) during DVID tests. In order to reduce the
effect results from diode. The better choice is to decrease
the Rcs to increase the conduction current of diode I to
get better V characteristic of diode in Zone 2.
Over Voltage Protection (OVP)
The RT8800A continuously monitors voltage at FB pin.
OVP is triggered if FB voltage is 500mV higher than the
voltage at PI pin. RT8800A latches off and turns on lower
MOSFET to protect the load from damage upon on OVP
trip. It can only be reset by DVD and VDD pins.
Current Ratio Setting
Current ratio adjustment is possible as described below.
It is important for achieving thermal balance in practical
application where thermal conditions between phases are
not identical. Figure 13 shows the application circuit of
GM for current ratio requirement. According to Basic Circuit
Theory, if
LX
LX
PX
SX
PX
X
X
PX
SX
LX
X
R
I
R
R
R
V
then
C
)
//R
(R
R
L
×
×
+
=
×
=
With other phase kept unchanged, this phase would share
(RPX+RSX)/RPX times current than other phases. Figure 14
and 15 show different current ratio setting for the power
stage when Phase 3 is programmed 2 times current than
other phases. Figure 16 and 17 compare the above current
ratio setting results.
Figure 13
(4)
T
T
LX
RLX
ILX
VOUT
RSX
CX
+ VX -
RPX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com