Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 11Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 12Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 13Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 14Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 15Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 16Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 17Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 18Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
RT8800A
15
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Figure 13. GM4 Setting for current ratio function.
Figure 14. GM1 to GM3 Setting for current ratio
function.
I
L3
1.5uH
1m
3k
1uF
3k
1.5uH
1m
1.5k
1uF
I
L1 to L2
Figure 15
Figure 16
Current Balance Function
0
5
10
15
20
25
30
35
40
0
2040
6080
100
ICORE (A)
IL1
IL2
IL3
Current Ratio Function
0
5
10
15
20
25
30
35
40
45
0
1530
4560
7590
ICORE (A)
IL1
IL2
IL3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com