Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 7Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 9Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 10Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 11Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 12Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 13Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 14Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
RT8800A
11
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Figure 2
COMP
VCORE
SSE_Internal
SS_Internal
Cross-over
VRAMP_Valley
Time-Sharing DCR Current Sensing
RT8800A adopts an innovative time-sharing DCR current
sensing technique to sense the phase currents for phase
current balance (phase thermal balance), over current
protection and load line regulation as shown in Figure 3.
The current sensing amplifier GM samples and holds
voltages VX across the current sensing capacitor CX by
turns in a switching cycle. According to the Basic Circuit
Theory, if
LX
LX
X
X
X
LX
X
R
I
V
then
C
R
R
L
×
=
×
=
Consequently, the sensing current IX is proportional to
inductor current ILX and is expressed as
The sensed current IX is used for current balance, over
current protection, and droop tuning as described as
followed. Since all phases share one common GM, GM
offset and linearity variation effect are eliminated in
practical applications. As sub-milli-ohmgrade inductors are
widely used in modern motherboards, slight mismatch of
GM amplifiers offset and linearity results in considerable
current shift between phases. The time sharingDCR current
sensing technical is extremely important to guarantee
phase current balance at mass production.
COMM
LX
LX
X
R
R
I
I
×
=
Figure 3
Figure 4 and 5 show the linearity of GM amplifier and its
test circuit respectively. A voltage source is applied to
ISPx while other ISPx pins are short to VOUT. The voltage
VADJ across resistor RADJ is measured. It is observed from
Figure 5 shows that all ISPx share the same
transconductance linearity and voltage offset.
Figure 4. The Linearity of GMx
VOUT
T1
T3
T2
IX
S/H CKT
+
-
LX
RLX
RCOMM
ILX
RX
CX
+ VX -
GM
0
10
20
30
40
50
60
70
0
20406080
100
VC (mV)
GM1
GM2
GM3
VX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com