Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 4Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 5Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 6Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 7Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 9Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 10Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 11Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
RT8800A
8
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Time (25
μs/Div)
VID On the Fly Falling
VFB
(200mV/Div)
VID0
(2V/Div)
PWM
(5V/Div)
VCORE
(100mV/Div)
IOUT = 5A
Time (2.5
μs/Div)
Load Transient Response
UGATE1
(20V/Div)
VCORE
(200mV/Div)
UGATE2
(20V/Div)
UGATE3
(20V/Div)
phase 1, IOUT = 5A to 85A @SR = 93A/us)
Time (2.5
μs/Div)
Load Transient Response
UGATE1
(20V/Div)
VCORE
(200mV/Div)
UGATE2
(20V/Div)
UGATE3
(20V/Div)
phase 3, IOUT = 5A to 85A @SR = 93A/us)
Time (10ms/Div)
Over Current Protection
IL1+IL2
(50A/Div)
VCORE
(1V/Div)
PWM1
(10V/Div)
VCOMP
(2V/Div)
Short While Turn_On
Time (10ms/Div)
Over Current Protection
IL1+IL2
(50A/Div)
VCOMP
(2V/Div)
PWM1
(10V/Div)
VCORE
(1V/Div)
Short After Turn_On
Time (2.5
μs/Div)
Load Transient Response
UGATE1
(20V/Div)
VCORE
(200mV/Div)
UGATE2
(20V/Div)
UGATE3
(20V/Div)
phase2, IOUT = 5A to 85A @SR = 93A/us)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com