Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8800AGQV Datasheet HTML 1Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 2Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 3Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 4Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 5Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 6Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 7Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
RT8800A
1
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Features
5V Power Supply Voltage
2/3-Phase Power Conversion with Automatic Phase
Selection
Output Voltage Controlled by External Reference
Voltage
Precise Core Voltage Regulation
Power Stage Thermal Balance by DCR Current
Sensing
Extreme Low-Cost, Lossless Time Sharing Current
Sensing
Internal Soft-Start
Hiccup Mode Over-Current Protection
Over-Voltage Protection
Adjustable Operating Frequency and Typical at
300kHz Per Phase
Power Good Indication
Small 16-Lead VQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Desktop CPU Core Power
Low Output Voltage, High Power Density DC-DC
Converters
Voltage Regulator Modules
General Purpose 3-Phase PWM Controller for High-Density
Power Supply
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
General Description
The RT8800A is a general-purposed multi-phase
synchronous buck controller dedicating for high power
density applications. The RT8800A operates with 2 or 3
synchronous buck switching stages in interleaved phase
set automatically. The multiphase architecture provides
high output current while maintaining low power dissipation
on power devices and low stress on input and output
capacitors.
The output voltage is precisely regulated to the external
reference voltage at PI pin. The RT8800A can provide Intel®
VRD10.x or AMD® K8 compliant output voltage when
companioned with DAC generator RT9401A/B.
The RT8800A adopts innovative time-sharing DCR current
sensing technique for channel current balance, droop
tuning, and over current protection. Using one common
GM amplifier for current sensing eliminates offset errors
and linearity variation between GMs. As sub-milli-ohm-
grade inductors are widely used in modern mother boards,
slight mismatch of GM amplifiers offset and linearity results
in considerable current shift between phases. The time-
sharing DCR current sensing technique is extremely
important to guarantee phase current balance at mass
production.
Other features include overvoltage protection, undervoltage
protection and internal softstart. The RT8800A comes to
a VQFN-16L 3x3 package.
Package Type
QV : VQFN-16L 3x3 (V-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
RT8800A


Similar Part No. - RT8800AGQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
More results

Similar Description - RT8800AGQV

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8800 RICHTEK-RT8800 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A Datasheet
535Kb / 28P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A Datasheet
538Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8805 RICHTEK-RT8805 Datasheet
377Kb / 15P
Two Phase General Purpose PWM Controller
RT8805C RICHTEK-RT8805C Datasheet
380Kb / 18P
Two Phase General Purpose PWM Controller
RT8800A RICHTEK-RT8800A_11 Datasheet
473Kb / 20P
General Purpose 3-Phase PWM Controller for High-Density Power Supply
RT8800 RICHTEK-RT8800_11 Datasheet
532Kb / 26P
General Purpose 2/3-Phase PWM Controller for High-Density Power Supply
RT8802A RICHTEK-RT8802A_12 Datasheet
659Kb / 29P
2/3/4/5-Phase PWM Controller for High-Density Power Supply
RT8803A RICHTEK-RT8803A_11 Datasheet
513Kb / 27P
2/3-Phase PWM Controller for High-Density Power Supply
RT8841 RICHTEK-RT8841 Datasheet
445Kb / 32P
4/3/2/1-Phase PWM Controller for High-Density Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com