Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 12Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 13Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 14Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 15Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 16Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 17Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 18Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 19Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
RT8800A
16
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Design Procedure Suggestion
a.Output filter pole and zero (Inductor, output capacitor
value & ESR).
b.Error amplifier compensation & sawtooth wave amp-
litude (compensation network).
Current Loop Setting
a.GM amplifier S/H current (current sense component
DCR, ICOMMON pin external resistor value).
b.Over-current protection trip point (RICOMMON1 resistor).
VRM Load Line Setting
a.Droop amplitude (PI pin resistor).
b.No load offset (RICOMMON2)
Power Sequence & SS
DVD pin external resistor and SS pin capacitor.
PCB Layout
a.Sense for current sense GM amplifier input.
b.Refer to layout guide for other items.
Voltage Loop Setting
Design Example
Given:
Apply for four phase converter
VIN = 12V
VCORE = 1.5V
ILOAD(MAX) = 100A
VDROOP = 100mV at full load (1m
Ω Load Line)
OCP trip point set at 35A for each channel (S/H)
DCR = 1m
Ω of inductor at 25°C
L = 1.5
μH
COUT = 8000
μF with 5mΩ equivalent ESR.
Figure 17. Type 2 compensation network of EA
2. Over-Current Protection Setting
Consider the temperature coefficient of copper
3900ppm/
°C,
EA
RB2
RB1
+
-
15k
C1
12nF
C2 68pF
4.7k
1. Compensation Setting
a. Modulator Gain, Pole and Zero:
From the following formula:
Modulator Gain =VIN/VRAMP =12/2.4=5 (i.e 14dB)
where VRAMP : ramp amplitude of saw-tooth wave
35.6A
I
A
150
330
1.39m
I
A
150
R
DCR
I
L
L
ICOMMON1
L
=
=
Ω
Ω
×
=
×
μ
μ
LC Filter Pole = 1.45kHz and
ESR Zero =3.98kHz
b. EA Compensation Network:
Select R1 = 4.7k, R2 = 15k, C1 = 12nF, C2 = 68pF
and use the Type 2 compensation scheme shown in
Figure 21. By calculation, the FZ = 0.88kHz,
FP = 322kHz and Middle Band Gain is 3.19 (i.e
10.07dB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com