Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 3Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 4Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 5Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 6Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 7Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 9Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 10Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RT8800A
7
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
VVID125 vs. Temperature
0.78
0.785
0.79
0.795
0.8
0.805
0.81
0.815
-25 -10
5
20
35
50
65
80
95 110 125
Temperature
GM
0
10
20
30
40
50
60
70
80
90
0
10 20304050 60708090 100 110
VC (mV)
Typical Operating Characteristics
(
°C)
GM3
GM2
GM1
Frequency vs. RRT
0
100
200
300
400
500
600
700
800
900
1000
0
5
10 15 20 25 30 35 40 45 50 55 60
RRT (k )
(k
Ω)
Load Line
1.24
1.26
1.28
1.3
1.32
1.34
1.36
1.38
1.4
0
10
2030
405060
7080
90
100
Output Current (A)
RLL = 1.5m
Ω, RCSN = 10kΩ, RADJ = 100Ω
VIN = 12V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0
1020
3040506070
8090
100
Output Current (A)
Driver RT9605
VIN = 12V, VOUT = 1.4V
GM3
GM2
GM1
RCOMM = 430
Ω
Frequency vs. Temperature
0
50
100
150
200
250
300
350
-25 -10
5
20
355065
8095 110 125
Temperature (
°C)
RRT = 16k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com