Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 9Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 10Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 11Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 12Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 13Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 14Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 15Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
RT8800A
12
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Figure 5. Test Circuit of GM.
Phase Current Balance
The sampled and held phase current IX are injected to the
corresponding saw tooth waveforms of PWM comparators.
If phase current IX is larger than other phase currents, its
saw tooth waveform will be lift higher than the others. The
RT8800A reduces the duty cycle of corresponding phase
to decrease the phase current accordingly, vice versa.
Over Current Protection
RT8800A uses an external resistor RIMAX connected to
IMAX pin to generate a reference current IIMAX for over
current protection:
IMAX
IMAX
IMAX
R
V
I
=
where VIMAX is 0.8V typical. OCP comparator compares
each sensed phase current IX with this reference current
as shown in Figure 6. Equivalently, the maximum phase
current is calculated as :
LX
COMM
IMAX
IMAX
LX(MAX)
R
R
R
V
2
3
I
=
Figure 6. Over Current Comparator.
+
-
1/3 IX
1/2 IIMAX
OCP Comparator
The RT8800A uses hiccup mode to eliminate nuisance
detection of OCP or reduce output current when output is
shorted to ground as shown in Figure 7 and 8. The
RT8800A shuts down and latches off after 3 time OCP
hiccups. It can only restart by resetting one of VDD or
DVD pin.
Figure 7. The Over Current Protection in the interval
Figure 8. Over Current Protection at steady state
(5V/Div)
Over Current Protection
Time (25ms/Div)
PWM
IL
(5V/Div)
Voltage Reference for Converter Output & Load
Droop
The output voltage is sensed at FB pin. The RT8800A
receives an external reference voltage at PI pin as the
non-inverting of the error amplifier and precisely regulates
the FB voltage to this reference voltage. The RT8800A
can provide Intel® VRD10.x or AMD® K8 compliant output
voltage when companioned with DAC generator
RT9401A/B as shown in Figure 9. The RT9401A/B receives
VID[0:4] and produces DAC_OUT that complies with
VRD10.x or K8 VID table. The DAC_OUT is fed to PI pin
through a resistor RADJ as the reference voltage of the
error amplifiers. The VID125 provides a 12.5mV offset for
full compliance of VRD10.x table.
Over Current Protection
Time (25ms/Div)
PWM
VSS
(5V/Div)
(5V/Div)
+
-
MUX
MUX
S/H
SUM/N
+
-
ISP1
ISP2
ISP3
ICOMMON
EA
PI
RT9401
RADJ
+ VADJ -
IADJ
GM
IX
VX
VCORE
DAC_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com