Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8800AGQV Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8800AGQV
Description  General Purpose 3-Phase PWM Controller for High-Density Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8800AGQV Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8800AGQV Datasheet HTML 6Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 7Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 8Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 9Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 10Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 11Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 12Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 13Page - Richtek Technology Corporation RT8800AGQV Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
RT8800A
10
DS8800A-04 August 2007
www.richtek.com
All brand name or trademark belong to their owner respectively
Applications Information
The RT8800A is a general-purposed multi-phase
synchronous buck controller dedicating for high power
density applications. The RT8800A operates with 2 or 3
synchronous buck switching stages in interleaved phase
set automatically. The multiphase architecture provides
high output current while maintaining low power dissipation
on power devices and low stress on input and output
capacitors.
Initialization
The RT8800A initiates after 2 pins are ready : VDD pin
power on reset (POR) and DVD pin is higher than 1V. VDD
POR is to make sure RT8800A is powered by a voltage
high enough for normal work. The rising threshold voltage
of VDD POR is 4.2V typically. At VDD POR, RT8800A
checks PWM3 status to determine phase number of
operation. Pull high PWM3 for two-phase operation. The
unused current sense pins should be connected to GND
or left floating.
DVD is to make sure that ATX12V is ready for the
companion MOSFET drivers to work normally. Connect a
voltage divider from ATX12V to DVD pin as shown in the
Typical Application Circuit. Make sure that DVD pin voltage
is below its threshold voltage before drivers are ready and
above its threshold voltage for minimum ATX12V during
normal operation. If one of VDD and DVD is not ready,
RT8800A keeps its PWM outputs high impedance and
the companion drivers turn off both upper and lower
MOSFETs.
Soft-Start
After VDD and DVD are ready, RT8800A initiates its soft
start cycle as shown in Figure 1. The error amplifier and
PWM comparator are triple-input devices. The non-inverting
input whichever is smaller dominates the behavior of the
device. The soft start function generates SS and SSE for
the non-inverting input of PWM comparator and error
amplifier respectively where SSE = SS - VGS. VGS is
threshold voltage of internal MOSFET. The typical soft-
start duration is 3ms. The soft start can be sliced to
several time frames with specific operation respectively.
1) Mode 1 (SS < VRAMP_Valley)
Initially the COMP stays in the positive saturation due to
offset of the error amplifier. Since SS < VRAMP_Valley, the
PWM comparator keeps its output low and VOUT is zero.
2) Mode 2 (VRAMP_Valley < SS < Cross-over)
Since VRAMP_Valley < SS < Cross-over, SS dominates the
non-inverting inputs of the PWM comparators. The PWM
duty cycles increase according to the ramping up SS
signal. The output voltage ramps up accordingly. However
as VOUT increases, the difference between VOUT and SSE
(SS - VGS) is reduced and COMP leaves the saturation
and declines. The takeover of SS lasts until it meets the
COMP. During this interval, since the feedback path is
broken, the converter is operated in the open loop.
3) Mode3 (Cross-over < SS < VGS + VPI)
When the VCOMP takes over the non-inverting input for PWM
Amplifier and when SSE (SS - VGS) < VPI, the output of
the converter follows the ramp input, SSE (SS - VGS).
Before the crossover, the output follows SS signal. And
when VCOMP takes over SS, the output is expected to
follow SSE (SS - VGS). Therefore the deviation of VGS is
represented as the falling of VOUT for a short while. The
COMP is observed to keep its decline when it passes the
cross-over, which shortens the duty width and hence the
falling of VOUT happens. Since there is a feedback loop for
the error amplifier, the output's response to the ramp input,
SSE (SS - VGS) is lower than that in Mode 2.
4) Mode 4 (SS > VGS + VPI)
When SS > VGS + VPI, the output of the converter follows
the desired VPI signal and the soft start completes.
However, the SS keeps ramping up to 3.3V and stays
there. The PGOOD pin trips to high impedance as SS
reaches 3.3V.
+
+
+
-
+
-
Soft Start
FB
PI
SS
SSE
EA
PWM
Figure 1. Soft Start Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com