Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 450 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 450 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 446Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 447Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 448Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 449Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 450Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
450
Freescale Semiconductor
Read: For transmit buffers, anytime when TXEx flag is set (see Section 10.3.2.7, “MSCAN Transmitter
Flag Register (CANTFLG)”) and the corresponding transmit buffer is selected in CANTBSEL (see
Section 10.3.2.11, “MSCAN Transmit Buffer Selection Register (CANTBSEL)”). For receive buffers,
only when RXF flag is set (see Section 10.3.2.5, “MSCAN Receiver Flag Register (CANRFLG)”).
Write: For transmit buffers, anytime when TXEx flag is set (see Section 10.3.2.7, “MSCAN Transmitter
Flag Register (CANTFLG)”) and the corresponding transmit buffer is selected in CANTBSEL (see
Section 10.3.2.11, “MSCAN Transmit Buffer Selection Register (CANTBSEL)”). Unimplemented for
receive buffers.
Reset: Undefined (0x00XX) because of RAM-based implementation
10.3.3.1
Identifier Registers (IDR0–IDR3)
The identifier registers for an extended format identifier consist of a total of 32 bits; ID[28:0], SRR, IDE,
and RTR bits. The identifier registers for a standard format identifier consist of a total of 13 bits; ID[10:0],
RTR, and IDE bits.
10.3.3.1.1
IDR0–IDR3 for Extended Identifier Mapping
Figure 10-25. Receive/Transmit Message Buffer — Standard Identifier Mapping
Register
Name
Bit 7
654321
Bit 0
IDR0
R
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
W
IDR1
R
ID2
ID1
ID0
RTR
IDE (=0)
W
IDR2
R
W
IDR3
R
W
= Unused, always read ‘x’
76543210
R
ID28
ID27
ID26
ID25
ID24
ID23
ID22
ID21
W
Reset:
xxxxxxxx
Figure 10-26. Identifier Register 0 (IDR0) — Extended Identifier Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com