Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 452 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 452 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 448Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 449Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 450Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 455Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 456Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
452
Freescale Semiconductor
10.3.3.1.2
IDR0–IDR3 for Standard Identifier Mapping
76543210
R
ID6
ID5
ID4
ID3
ID2
ID1
ID0
RTR
W
Reset:
xxxxxxxx
Figure 10-29. Identifier Register 3 (IDR3) — Extended Identifier Mapping
Table 10-28. IDR3 Register Field Descriptions — Extended
Field
Description
7:1
ID[6:0]
Extended Format Identifier — The identifiers consist of 29 bits (ID[28:0]) for the extended format. ID28 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number.
0
RTR
Remote Transmission Request — This flag reflects the status of the remote transmission request bit in the
CAN frame. In the case of a receive buffer, it indicates the status of the received frame and supports the
transmission of an answering frame in software. In the case of a transmit buffer, this flag defines the setting of
the RTR bit to be sent.
0 Data frame
1 Remote frame
76543210
R
ID10
ID9
ID8
ID7
ID6
ID5
ID4
ID3
W
Reset:
xxxxxxxx
Figure 10-30. Identifier Register 0 — Standard Mapping
Table 10-29. IDR0 Register Field Descriptions — Standard
Field
Description
7:0
ID[10:3]
Standard Format Identifier — The identifiers consist of 11 bits (ID[10:0]) for the standard format. ID10 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number. See also ID bits in Table 10-30.
76543210
R
ID2
ID1
ID0
RTR
IDE (=0)
W
Reset:
xxxxxxxx
= Unused; always read ‘x’
Figure 10-31. Identifier Register 1 — Standard Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com