Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 451 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 451 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 447Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 448Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 449Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 450Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 455Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 451 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
451
Table 10-25. IDR0 Register Field Descriptions — Extended
Field
Description
7:0
ID[28:21]
Extended Format Identifier — The identifiers consist of 29 bits (ID[28:0]) for the extended format. ID28 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number.
76543210
R
ID20
ID19
ID18
SRR (=1)
IDE (=1)
ID17
ID16
ID15
W
Reset:
xxxxxxxx
Figure 10-27. Identifier Register 1 (IDR1) — Extended Identifier Mapping
Table 10-26. IDR1 Register Field Descriptions — Extended
Field
Description
7:5
ID[20:18]
Extended Format Identifier — The identifiers consist of 29 bits (ID[28:0]) for the extended format. ID28 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number.
4
SRR
Substitute Remote Request — This fixed recessive bit is used only in extended format. It must be set to 1 by
the user for transmission buffers and is stored as received on the CAN bus for receive buffers.
3
IDE
ID Extended — This flag indicates whether the extended or standard identifier format is applied in this buffer. In
the case of a receive buffer, the flag is set as received and indicates to the CPU how to process the buffer
identifier registers. In the case of a transmit buffer, the flag indicates to the MSCAN what type of identifier to send.
0 Standard format (11 bit)
1 Extended format (29 bit)
2:0
ID[17:15]
Extended Format Identifier — The identifiers consist of 29 bits (ID[28:0]) for the extended format. ID28 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number.
76543210
R
ID14
ID13
ID12
ID11
ID10
ID9
ID8
ID7
W
Reset:
xxxxxxxx
Figure 10-28. Identifier Register 2 (IDR2) — Extended Identifier Mapping
Table 10-27. IDR2 Register Field Descriptions — Extended
Field
Description
7:0
ID[14:7]
Extended Format Identifier — The identifiers consist of 29 bits (ID[28:0]) for the extended format. ID28 is the
most significant bit and is transmitted first on the CAN bus during the arbitration procedure. The priority of an
identifier is defined to be highest for the smallest binary number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com