Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC312XDP512F0CFVR Datasheet(PDF) 454 Page - Freescale Semiconductor, Inc

Part # PC312XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC312XDP512F0CFVR Datasheet(HTML) 454 Page - Freescale Semiconductor, Inc

Back Button PC312XDP512F0CFVR Datasheet HTML 450Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 451Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 452Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 453Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 454Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 455Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 456Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 457Page - Freescale Semiconductor, Inc PC312XDP512F0CFVR Datasheet HTML 458Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
454
Freescale Semiconductor
10.3.3.3
Data Length Register (DLR)
This register keeps the data length field of the CAN frame.
Module Base + 0x0004 (DSR0)
0x0005 (DSR1)
0x0006 (DSR2)
0x0007 (DSR3)
0x0008 (DSR4)
0x0009 (DSR5)
0x000A (DSR6)
0x000B (DSR7)
76543210
R
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
W
Reset:
xxxxxxxx
Figure 10-34. Data Segment Registers (DSR0–DSR7) — Extended Identifier Mapping
Table 10-31. DSR0–DSR7 Register Field Descriptions
Field
Description
7:0
DB[7:0]
Data bits 7:0
76543210
R
DLC3
DLC2
DLC1
DLC0
W
Reset:
xxxxxxxx
= Unused; always read “x”
Figure 10-35. Data Length Register (DLR) — Extended Identifier Mapping
Table 10-32. DLR Register Field Descriptions
Field
Description
3:0
DLC[3:0]
Data Length Code Bits — The data length code contains the number of bytes (data byte count) of the respective
message. During the transmission of a remote frame, the data length code is transmitted as programmed while
the number of transmitted data bytes is always 0. The data byte count ranges from 0 to 8 for a data frame.
Table 10-33 shows the effect of setting the DLC bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com