Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 51 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 51 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 47Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 48Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 49Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 50Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 51Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 52Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 53Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 54Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 49
PIC16F84A
9.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Ambient temperature under bias............................................................................................................ .-55
°C to +125°C
Storage temperature .............................................................................................................................. -65
°C to +150°C
Voltage on any pin with respect to VSS (except VDD, MCLR, and RA4) ......................................... -0.3V to (VDD + 0.3V)
Voltage on VDD with respect to VSS ........................................................................................................... -0.3 to +7.5V
Voltage on MCLR with respect to VSS(1) .......................................................................................................-0.3 to +14V
Voltage on RA4 with respect to VSS ........................................................................................................... -0.3 to +8.5V
Total power dissipation(2) ..................................................................................................................................... 800 mW
Maximum current out of VSS pin ...........................................................................................................................150 mA
Maximum current into VDD pin .............................................................................................................................. 100 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
..................................................................................................................... ± 20 mA
Output clamp current, IOK (VO < 0 or VO > VDD)
............................................................................................................. ± 20 mA
Maximum output current sunk by any I/O pin..........................................................................................................25 mA
Maximum output current sourced by any I/O pin .................................................................................................... 25 mA
Maximum current sunk by PORTA ..........................................................................................................................80 mA
Maximum current sourced by PORTA..................................................................................................................... 50 mA
Maximum current sunk by PORTB........................................................................................................................ 150 mA
Maximum current sourced by PORTB .................................................................................................................. 100 mA
Note 1: Voltage spikes below VSS at the MCLR pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50-100
Ω should be used when applying a “low” level to the MCLR pin rather than
pulling this pin directly to VSS.
2: Power dissipation is calculated as follows: Pdis = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOl x IOL).
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com