Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 9 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 9 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 5Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 6Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 7Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 8Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 9Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 10Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 11Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 12Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 7
PIC16F84A
2.3
Special Function Registers
The Special Function Registers (Figure 2-2 and
Table 2-1) are used by the CPU and Peripheral
functions to control the device operation. These
registers are static RAM.
The special function registers can be classified into two
sets, core and peripheral. Those associated with the
core functions are described in this section. Those
related to the operation of the peripheral features are
described in the section for that specific feature.
TABLE 2-1:
SPECIAL FUNCTION REGISTER FILE SUMMARY
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
RESET
Details
on page
Bank 0
00h
INDF
Uses contents of FSR to address Data Memory (not a physical register)
---- ----
11
01h
TMR0
8-bit Real-Time Clock/Counter
xxxx xxxx
20
02h
PCL
Low Order 8 bits of the Program Counter (PC)
0000 0000
11
03h
STATUS(2)
IRP
RP1
RP0
TO
PD
ZDCC
0001 1xxx
8
04h
FSR
Indirect Data Memory Address Pointer 0
xxxx xxxx
11
05h
PORTA(4)
—
—
—
RA4/T0CKI
RA3
RA2
RA1
RA0
---x xxxx
16
06h
PORTB(5)
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0/INT xxxx xxxx
18
07h
—
Unimplemented location, read as '0'
—
—
08h
EEDATA
EEPROM Data Register
xxxx xxxx
13,14
09h
EEADR
EEPROM Address Register
xxxx xxxx
13,14
0Ah
PCLATH
—
—
—
Write Buffer for upper 5 bits of the PC(1)
---0 0000
11
0Bh
INTCON
GIE
EEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
10
Bank 1
80h
INDF
Uses Contents of FSR to address Data Memory (not a physical register)
---- ----
11
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
9
82h
PCL
Low order 8 bits of Program Counter (PC)
0000 0000
11
83h
STATUS (2)
IRP
RP1
RP0
TO
PD
ZDCC
0001 1xxx
8
84h
FSR
Indirect data memory address pointer 0
xxxx xxxx
11
85h
TRISA
—
—
—
PORTA Data Direction Register
---1 1111
16
86h
TRISB
PORTB Data Direction Register
1111 1111
18
87h
—
Unimplemented location, read as '0'
—
—
88h
EECON1
—
—
—
EEIF
WRERR
WREN
WR
RD
---0 x000
13
89h
EECON2
EEPROM Control Register 2 (not a physical register)
---- ----
14
0Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of the PC(1)
---0 0000
11
0Bh
INTCON
GIE
EEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x
10
Legend: x = unknown, u = unchanged. - = unimplemented, read as '0', q = value depends on condition
Note
1: The upper byte of the program counter is not directly accessible. PCLATH is a slave register for PC<12:8>. The contents
of PCLATH can be transferred to the upper byte of the program counter, but the contents of PC<12:8> are never trans-
ferred to PCLATH.
2: The TO and PD status bits in the STATUS register are not affected by a MCLR Reset.
3: Other (non power-up) RESETS include: external RESET through MCLR and the Watchdog Timer Reset.
4: On any device RESET, these pins are configured as inputs.
5: This is the value that will be in the port output latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com