Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 12Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 13Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 14Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 15Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 16Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 17Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 18Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 19Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
PIC16F84A
DS35007B-page 14
© 2001 Microchip Technology Inc.
3.1
Reading the EEPROM Data
Memory
To read a data memory location, the user must write the
address to the EEADR register and then set control bit
RD (EECON1<0>). The data is available, in the very
next cycle, in the EEDATA register; therefore, it can be
read in the next instruction. EEDATA will hold this value
until another read or until it is written to by the user
(during a write operation).
EXAMPLE 3-1:
DATA EEPROM READ
3.2
Writing to the EEPROM Data
Memory
To write an EEPROM data location, the user must first
write the address to the EEADR register and the data
to the EEDATA register. Then the user must follow a
specific sequence to initiate the write for each byte.
EXAMPLE 3-2:
DATA EEPROM WRITE
The write will not initiate if the above sequence is not
exactly followed (write 55h to EECON2, write AAh to
EECON2, then set WR bit) for each byte. We strongly
recommend that interrupts be disabled during this
code segment.
Additionally, the WREN bit in EECON1 must be set to
enable write. This mechanism prevents accidental writes
to data EEPROM due to errant (unexpected) code exe-
cution (i.e., lost programs). The user should keep the
WREN bit clear at all times, except when updating
EEPROM. The WREN bit is not cleared by hardware.
After a write sequence has been initiated, clearing the
WREN bit will not affect this write cycle. The WR bit will
be inhibited from being set unless the WREN bit is set.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EE Write Complete
Interrupt Flag bit (EEIF) is set. The user can either
enable this interrupt or poll this bit. EEIF must be
cleared by software.
3.3
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the Data
EEPROM should be verified (Example 3-3) to the
desired value to be written. This should be used in
applications where an EEPROM bit will be stressed
near the specification limit.
Generally, the EEPROM write failure will be a bit which
was written as a ’0’, but reads back as a ’1’ (due to
leakage off the bit).
EXAMPLE 3-3:
WRITE VERIFY
TABLE 3-1:
REGISTERS/BITS ASSOCIATED WITH DATA EEPROM
BCF
STATUS, RP0
; Bank 0
MOVLW
CONFIG_ADDR
;
MOVWF
EEADR
; Address to read
BSF
STATUS, RP0
; Bank 1
BSF
EECON1, RD
; EE Read
BCF
STATUS, RP0
; Bank 0
MOVF
EEDATA, W
; W = EEDATA
BSF
STATUS, RP0
; Bank 1
BCF
INTCON, GIE
; Disable INTs.
BSF
EECON1, WREN ; Enable Write
MOVLW
55h
;
MOVWF
EECON2
; Write 55h
MOVLW
AAh
;
MOVWF
EECON2
; Write AAh
BSF
EECON1,WR
; Set WR bit
;
begin write
BSF
INTCON, GIE
; Enable INTs.
BCF
STATUS,RP0 ; Bank 0
:
; Any code
:
; can go here
MOVF
EEDATA,W
; Must be in Bank 0
BSF
STATUS,RP0 ; Bank 1
READ
BSF
EECON1, RD
; YES, Read the
; value written
BCF
STATUS, RP0 ; Bank 0
;
; Is the value written
; (in W reg) and
; read (in EEDATA)
; the same?
;
SUBWF EEDATA, W
;
BTFSS STATUS, Z
; Is difference 0?
GOTO
WRITE_ERR
; NO, Write error
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on
all other
RESETS
08h
EEDATA
EEPROM Data Register
xxxx xxxx
uuuu uuuu
09h
EEADR
EEPROM Address Register
xxxx xxxx
uuuu uuuu
88h
EECON1
—
—
—
EEIF
WRERR
WREN
WR
RD
---0 x000
---0 q000
89h
EECON2
EEPROM Control Register 2
---- ----
---- ----
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0', q = value depends upon condition.
Shaded cells are not used by data EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com