Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 48Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 49Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 50Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 51Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 52Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 53Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 54Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 55Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
PIC16F84A
DS35007B-page 50
© 2001 Microchip Technology Inc.
FIGURE 9-1:
PIC16F84A-20 VOLTAGE-FREQUENCY GRAPH
FIGURE 9-2:
PIC16LF84A-04 VOLTAGE-
FREQUENCY GRAPH
FIGURE 9-3:
PIC16F84A-04 VOLTAGE-
FREQUENCY GRAPH
Frequency
6.0V
5.5V
4.5V
4.0V
2.0V
20 MHz
5.0V
3.5V
3.0V
2.5V
Frequency
6.0V
5.5V
4.5V
4.0V
2.0V
5.0V
3.5V
3.0V
2.5V
FMAX = (6.0 MHz/V) (VDDAPPMIN - 2.0V) + 4 MHz
4 MHz
10 MHz
Note 1:
VDDAPPMIN is the minimum voltage of the
PICmicro® device in the application.
2: FMAX has a maximum frequency of 10 MHz.
Frequency
6.0V
5.5V
4.5V
4.0V
2.0V
5.0V
3.5V
3.0V
2.5V
4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com