Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 11Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 12Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 13Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 14Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 15Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 16Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 17Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 18Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 13
PIC16F84A
3.0
DATA EEPROM MEMORY
The EEPROM data memory is readable and writable
during normal operation (full VDD range). This memory
is not directly mapped in the register file space. Instead
it is indirectly addressed through the Special Function
Registers. There are four SFRs used to read and write
this memory. These registers are:
• EECON1
• EECON2 (not a physically implemented register)
• EEDATA
• EEADR
EEDATA holds the 8-bit data for read/write, and
EEADR holds the address of the EEPROM location
being accessed. PIC16F84A devices have 64 bytes of
data EEPROM with an address range from 0h to 3Fh.
The EEPROM data memory allows byte read and write.
A byte write automatically erases the location and
writes the new data (erase before write). The EEPROM
data memory is rated for high erase/write cycles. The
write time is controlled by an on-chip timer. The write-
time will vary with voltage and temperature as well as
from chip to chip. Please refer to AC specifications for
exact limits.
When the device is code protected, the CPU may
continue to read and write the data EEPROM memory.
The device programmer can no longer access
this memory.
Additional information on the Data EEPROM is avail-
able in the PICmicro™ Mid-Range Reference Manual
(DS33023).
REGISTER 3-1:
EECON1 REGISTER (ADDRESS 88h)
U-0
U-0
U-0
R/W-0
R/W-x
R/W-0
R/S-0
R/S-0
—
—
—
EEIF
WRERR
WREN
WR
RD
bit 7
bit 0
bit 7-5
Unimplemented: Read as '0'
bit 4
EEIF: EEPROM Write Operation Interrupt Flag bit
1
= The write operation completed (must be cleared in software)
0
= The write operation is not complete or has not been started
bit 3
WRERR: EEPROM Error Flag bit
1
= A write operation is prematurely terminated
(any MCLR Reset or any WDT Reset during normal operation)
0
= The write operation completed
bit 2
WREN: EEPROM Write Enable bit
1
= Allows write cycles
0
= Inhibits write to the EEPROM
bit 1
WR: Write Control bit
1
= Initiates a write cycle. The bit is cleared by hardware once write is complete. The WR bit
can only be set (not cleared) in software.
0
= Write cycle to the EEPROM is complete
bit 0
RD: Read Control bit
1
= Initiates an EEPROM read RD is cleared in hardware. The RD bit can only be set (not
cleared) in software.
0
= Does not initiate an EEPROM read
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com