Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 14Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 15Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 16Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 17Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 18Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 19Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 20Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 21Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
PIC16F84A
DS35007B-page 16
© 2001 Microchip Technology Inc.
TABLE 4-1:
PORTA FUNCTIONS
TABLE 4-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit0
Buffer Type
Function
RA0
bit0
TTL
Input/output
RA1
bit1
TTL
Input/output
RA2
bit2
TTL
Input/output
RA3
bit3
TTL
Input/output
RA4/T0CKI
bit4
ST
Input/output or external clock input for TMR0.
Output is open drain type.
Legend: TTL = TTL input, ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
Power-on
Reset
Value on all
other
RESETS
05h
PORTA
—
—
—
RA4/T0CKI
RA3
RA2
RA1
RA0
---x xxxx
---u uuuu
85h
TRISA
—
—
—
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0 ---1 1111
---1 1111
Legend: x = unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are unimplemented, read as '0'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com