Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 87 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 87 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 80Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 81Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 82Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 83Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 84Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 85Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 86Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 87Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 88Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
© 2001 Microchip Technology Inc.
DS35007B-page 85
PIC16F84A
PIC16F84A PRODUCT IDENTIFICATION SYSTEM
To order or obtain information (e.g., on pricing or delivery) refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
Device
PIC16F84A(1), PIC16F84AT(2)
PIC16LF84A(1), PIC16LF84AT(2)
Frequency Range
04
=
4 MHz
20
=
20 MHz
Temperature
Range
-=
0°C
to +70°C
I
=
-40°C
to +85°C
Package
P
=
PDIP
SO =
SOIC (Gull Wing, 300 mil body)
SS =
SSOP
Pattern
QTP, SQTP, ROM Code (factory specified) or
Special Requirements . Blank for OTP and
Windowed devices.
Examples:
a)
PIC16F84A -04/P 301 = Commercial
temp., PDIP package, 4 MHz, normal VDD
limits, QTP pattern #301.
b)
PIC16LF84A - 04I/SO = Industrial temp.,
SOIC package, 200 kHz, Extended VDD
limits.
c)
PIC16F84A - 20I/P = Industrial temp.,
PDIP package, 20 MHz, normal VDD limits.
Note
1:
F
= Standard VDD range
LF = Extended VDD range
2: T
= in tape and reel - SOIC and
SSOP packages only.
PART NO.
-XX
X
/XX
XXX
Pattern
Package
Temperature
Range
Frequency
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com