Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 52Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 53Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 54Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 55Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 56Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 57Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 58Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 59Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 88 page
background image
PIC16F84A
DS35007B-page 54
© 2001 Microchip Technology Inc.
VOL
Output Low Voltage
D080
I/O ports
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V
D083
OSC2/CLKOUT
—
—
0.6
V
IOL = 1.6 mA, VDD = 4.5V,
(RC mode only)
VOH
Output High Voltage
D090
I/O ports (Note 3)
VDD-0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
D092
OSC2/CLKOUT (Note 3)
VDD-0.7
—
—
V
IOH = -1.3 mA, VDD = 4.5V
(RC mode only)
VOD
Open Drain High Voltage
D150
RA4 pin
—
—
8.5
V
Capacitive Loading Specs on
Output Pins
D100
COSC2
OSC2 pin
—
—
15
pF
In XT, HS and LP modes
when external clock is used
to drive OSC1
D101
CIO
All I/O pins and OSC2
(RC mode)
——
50
pF
Data EEPROM Memory
D120
ED
Endurance
1M
10M
—
E/W 25
°C at 5V
D121
VDRW
VDD for read/write
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D122
TDEW
Erase/Write cycle time
—
4
8
ms
Program FLASH Memory
D130
EP
Endurance
1000
10K
—
E/W
D131
VPR
VDD for read
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D132
VPEW
VDD for erase/write
4.5
—
5.5
V
D133
TPEW
Erase/Write cycle time
—
4
8
ms
9.2
DC Characteristics:
PIC16F84A-04 (Commercial, Industrial)
PIC16F84A-20 (Commercial, Industrial)
PIC16LF84A-04 (Commercial, Industrial) (Continued)
DC Characteristics
All Pins Except Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0
°C
≤ TA ≤ +70°C (commercial)
-40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC specifications
(Section 9.1)
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
†
Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: In RC oscillator configuration, the OSC1 pin is a Schmitt Trigger input. Do not drive the PIC16F84A with an
external clock while the device is in RC mode, or chip damage may result.
2: The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3: Negative current is defined as coming out of the pin.
4: The user may choose the better of the two specs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com