Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 76Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 77Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 78Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 79Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 80Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 81Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 82Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 83Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
PIC16F84A
DS35007B-page 78
© 2001 Microchip Technology Inc.
APPENDIX C:
MIGRATION FROM
BASELINE TO
MID-RANGE DEVICES
This section discusses how to migrate from a baseline
device (i.e., PIC16C5X) to a mid-range device (i.e.,
PIC16CXXX).
The following is the list of feature improvements over
the PIC16C5X microcontroller family:
1.
Instruction word length is increased to 14-bits.
This allows larger page sizes, both in program
memory (2K now as opposed to 512K before)
and the register file (128 bytes now versus
32 bytes before).
2.
A PC latch register (PCLATH) is added to han-
dle program memory paging. PA2, PA1 and PA0
bits are removed from the STATUS register and
placed in the OPTION register.
3.
Data memory paging is redefined slightly. The
STATUS register is modified.
4.
Four new
instructions
have been added:
RETURN
, RETFIE, ADDLW, and SUBLW. Two
instructions, TRIS and OPTION, are being
phased
out,
although
they
are
kept
for
compatibility with PIC16C5X.
5.
OPTION
and
TRIS
registers
are
made
addressable.
6.
Interrupt capability is added. Interrupt vector is
at 0004h.
7.
Stack size is increased to eight-deep.
8.
RESET vector is changed to 0000h.
9.
RESET of all registers is revisited. Five different
RESET (and wake-up) types are recognized.
Registers are reset differently.
10. Wake-up from SLEEP through interrupt is
added.
11. Two separate timers, the Oscillator Start-up
Timer (OST) and Power-up Timer (PWRT), are
included for more reliable power-up. These
timers
are
invoked
selectively
to
avoid
unnecessary delays on power-up and wake-up.
12. PORTB has weak pull-ups and interrupt-on-
change features.
13. T0CKI pin is also a port pin (RA4/T0CKI).
14. FSR is a full 8-bit register.
15. "In system programming" is made possible. The
user can program PIC16CXX devices using only
five pins: VDD, VSS, VPP, RB6 (clock) and RB7
(data in/out).
To convert code written for PIC16C5X to PIC16F84A,
the user should take the following steps:
1.
Remove any program memory page select
operations (PA2, PA1, PA0 bits) for CALL, GOTO.
2.
Revisit any computed jump operations (write to
PC or add to PC, etc.) to make sure page bits
are set properly under the new scheme.
3.
Eliminate any data memory page switching.
Redefine data variables for reallocation.
4.
Verify all writes to STATUS, OPTION, and FSR
registers since these have changed.
5.
Change RESET vector to 0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com