Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F84A-04/SSSQTP Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC16F84A-04/SSSQTP
Description  18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F84A-04/SSSQTP Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16F84A-04/SSSQTP Datasheet HTML 54Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 55Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 56Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 57Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 58Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 59Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 60Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 61Page - Microchip Technology PIC16F84A-04/SSSQTP Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
PIC16F84A
DS35007B-page 56
© 2001 Microchip Technology Inc.
9.3.2
TIMING CONDITIONS
The temperature and voltages specified in Table 9-1
apply to all timing specifications unless otherwise
noted. All timings are measured between high and low
measurement points as indicated in Figure 9-4.
Figure 9-5 specifies the load conditions for the timing
specifications.
TABLE 9-1:
TEMPERATURE AND VOLTAGE SPECIFICATIONS - AC
FIGURE 9-4:
PARAMETER MEASUREMENT INFORMATION
FIGURE 9-5:
LOAD CONDITIONS
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
0°C
≤ TA ≤ +70°C for commercial
-40°C
≤ TA ≤ +85°C for industrial
Operating voltage VDD range as described in DC specifications (Section 9.1)
0.9 VDD (High)
0.1 VDD (Low)
0.8 VDD RC
0.3 VDD XTAL
OSC1 Measurement Points
I/O Port Measurement Points
0.15 VDD RC
0.7 VDD XTAL
(High)
(Low)
Load Condition 1
Load Condition 2
Pin
RL
CL
VSS
VDD/2
VSS
CL
Pin
RL =
464
Ω
CL =
50 pF
for all pins except OSC2
15 pF
for OSC2 output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com