Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 3 Page - Microchip Technology

  AN795 Datasheet HTML 1Page - Microchip Technology AN795 Datasheet HTML 2Page - Microchip Technology AN795 Datasheet HTML 3Page - Microchip Technology AN795 Datasheet HTML 4Page - Microchip Technology AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DS00795A-page 3
© 2002 Microchip Technology, Inc.
AN795
TEMPERATURE METER
A temperature meter using the voltage output of a probe, such as one of the three shown, can be economically and straightforwardly
implemented with the TC9400 V/F converter. The V/F output is simply counted to display the temperature. For long-distance data
transmission, the TC9400 can be used to modulate an RF transmitter.
TC9400
V/F
Temperature Display
Reset
Latch
Gate
Temp
Probe
50/60Hz
Gate
Latch
Reset
Temperature
Probes
A. Thermocouple
B. Thermistor
C. Transistor
Junction
One
Shot
One
Shot
Preamp
Preamp
Preamp
Preamp
FIGURE 5: Temperature meter.
A/D CONVERSION WITH A MICROCONTROLLER
There are two schemes that can be utilized to accomplish A/D conversion with a microcontroller:
1.
Depending on the number of digits of resolution required, VIN is measured by counting the FOUT frequency for 1ms, 10ms,
100ms, or 1 second. The final count is then directly proportional to VIN. (The microcontroller provides the time base.)
2.
VIN is measured by determining the time between two pulses (negative edges). FOUT is used as a gate for counting the
microcontroller's clock. The final count will then be inversely proportional to VIN.
By taking the one's complement (changing 1's to 0's and 0's to 1's) of the final binary count, a value directly proportional to VIN will result.
This technique will give a faster conversion time when resolution is very important, but dynamic range is limited.
Digital
Output
VIN
TC9400
V/F
PIC
Microcontroller
FOUT
FIGURE 6: A/D conversion with a microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com