Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 13 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology AN795 Datasheet HTML 11Page - Microchip Technology AN795 Datasheet HTML 12Page - Microchip Technology AN795 Datasheet HTML 13Page - Microchip Technology AN795 Datasheet HTML 14Page - Microchip Technology AN795 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DS00795A-page 13
© 2002 Microchip Technology, Inc.
AN795
FIGURE 26: Circuit uses frequency-to-voltage-to-frequency conversion, with intermediate stage of gain between conversions, for
multiplying input frequency by any number. Digital-to-analog converter is programmed digitally, by thumbwheel switches or microcontroller,
for coarse selection of frequency-multiplying factor; op-amp provides fine gain, enables choice of non-integer multiplication values.
*Reprinted with permission from Electronics, October 12, 1978; Copyright © Mc-Graw-Hill, Inc., 1978. All rights reserved.
TC9400
Frequency-
to-Voltage
Converter
Comp In
Offset
Gnd
Amp
Out
DAC-03
Digital-to-Analog
Converter
Offset
Gnd
Out
Amp Out
Comp In
Gnd
Analog
Gnd
V+
MSB
LSB
+
1
2
3
4
5
6
7
8
9
10
+5V
Digital
Gain Factor
(Programmable)
–5V
100k
10k
10
14
6
1
7
4
50k
14
6
3
2
–15V
+15V
12
11
3
5
180pF
180pF
9
2
6
2
14
+5V
+5V
1
7
4
11
20k
5
3
12
47pF
0.1
µF
1M
15
1M
100k
TC9400
Frequency-
to-Voltage
Converter
17
18
16
12
11
13
+15V
–15V
MSB = Most Significant Bit
LSB = Least Significant Bit
100k
2.2k
REFOUT
IBIAS
VREF
VSS
VDD
fIN
IIN
RGAIN
10k
VDD
OUTGND
IBIAS
REFOUT
IIN
VSS
VREF
510k
fOUT
REFOUT
V
REFIN
VOUT
Op
Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com