Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 7 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AN795 Datasheet HTML 3Page - Microchip Technology AN795 Datasheet HTML 4Page - Microchip Technology AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology AN795 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DS00795A-page 7
© 2002 Microchip Technology, Inc.
AN795
FREQUENCY SHIFT KEYING (FSK) GENERATION AND DECODING
Frequency Shift Keying (FSK) is a simple means of transmitting digital data over a signal path (two wires, telephone lines, AM or FM
transmitters).
Typically, only two frequencies are transmitted. One corresponds to a logical "0," the other to a logical "1." A TC9400 V/F converter will
generate these two frequencies when connected as shown below. The potentiometer sets the V/F converter to the lower frequency.
The digital input then determines which frequency is selected. A "0" selects the lower frequency, a "1" selects the upper frequency.
The digital frequency signal is converted back into a digital format by a TC9400 used in the F/V mode.
ULTRALINEAR FREQUENCY MODULATOR
Since the TC9400 is a very linear V/F converter, an FM modulator is very easy to build.
The potentiometer determines the center frequency, while VIN determines the amount of modulation (FM deviation) around the center
frequency. VIN can be negative as well as positive.
Center
Frequency
VIN
V+
TC9400
V/F
Frequency Output
TC9400
F/V
Frequency
Offset
Center
Frequency
Digital
Output
Input
V+
0
1
0 00 0
1
TC9400
V/F
1
0 00 0
1
V+
FIGURE 16: Ultralinear frequency modulator.
FIGURE 15: Frequency Shift Keying (FSK) generation and decoding.
DC RESPONSE DATA RECORDING SYSTEM
Low-frequency analog data (DC to 10kHz) can be recorded anywhere, stored, and then reproduced. By varying the playback speed,
the frequency spectrum of the original data can be shifted up or down.
FIGURE 14: DC response data recording system.
V1
TC9400
V/F
TC9400
F/V
TC9400
F/V
TC9400
V/F
L
R
L
R
Cassette or
Reel-to-Reel
Recorder
V1
V2
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com