Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN795 Datasheet HTML 2Page - Microchip Technology AN795 Datasheet HTML 3Page - Microchip Technology AN795 Datasheet HTML 4Page - Microchip Technology AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AN795
© 2002 Microchip Technology, Inc.
DS00795A-page 6
TELEMETRY
In a telemetry system, the TC9400 converts the analog input (VIN) into frequencies (10Hz to 100kHz) which can be used to modulate
an RF transmitter.
At the other end, a receiver picks up the RF signal and demodulates it back into the 10Hz to 100kHz spectrum. A frequency counter
connected to this signal then gives a count linearly proportional to the original analog voltage (VIN).
If a linearly-proportional analog output voltage is required, the counter can be replaced by a TC9400 used in the F/V mode.
HIGH NOISE IMMUNITY DATA TRANSMISSION
When transmitting analog data over long distances, it is advantageous to convert the analog signal into a digital signal, which is less
susceptible to noise pick-up.
In the system shown below, the TC9400 converts the input voltage into a pulse or square wave which is transmitted on a pair of wires
by use of a line driver and receiver. At the other end, the original voltage (VIN), can be digitally displayed on a frequency counter or
converted back to an analog voltage by use of a TC9400 F/V converter.
VIN
Digital Display
Gate
Latch Reset
Time Base
Counter
TC9400
V/F
RF
Transmitter
RF
Receiver
VIN
Analog Display
Digital Display
Gate
Latch Reset
Time Base
Counter
Twisted
Pair Cable
Differential
Driver
Differential
Line
Receiver
TC9400
V/F
9400
F/V
FIGURE 12: Telemetry.
FIGURE 13: High noise immunity data transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com