Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 11 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 11 Page - Microchip Technology

Back Button AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology AN795 Datasheet HTML 11Page - Microchip Technology AN795 Datasheet HTML 12Page - Microchip Technology AN795 Datasheet HTML 13Page - Microchip Technology AN795 Datasheet HTML 14Page - Microchip Technology AN795 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
DS00795A-page 11
© 2002 Microchip Technology, Inc.
AN795
WIDE FREQUENCY RANGE PULSE GENERATOR
The TC9400 V/F converter is useful in the laboratory as a portable, battery-operated, low-cost frequency source. The TC9400
provides both pulse and square-wave outputs. By adding an op-amp integrator, a triangular waveform can also be generated. The
outputs can be frequency-modulated via the FM input.
FREQUENCY MULTIPLIER/DIVIDER WITH INFINITE RESOLUTION
Frequency scaling can easily be performed by first converting the incoming frequency into a proportional DC voltage. This is
accomplished by using the TC9400 in the F/V mode. Once the frequency is in a voltage format, it is easy to scale this voltage up or
down by use of a single potentiometer. The resultant voltage is then applied to a TC9400 V/F converter, which generates a
proportional output frequency.
Since the potentiometer is infinitely variable, the division/multiplication factor can be any number, including fractions (K1 is simply
VOUT/FIN, while K2 is FOUT/VIN).
FIGURE 23: Wide frequency range pulse generator.
FIGURE 24: Frequency multiplier/divider with infinite resolution.
V+
TC9400
V/F
FOUT
1/2 FOUT
FM
Input
Frequency
Adjust
Op
Amp
+
–
FIN
TC9400
V/F
TC9400
F/V
)
FOUT
VOUT
VIN
R2
R1
FOUT = K1 K2
R2
R1 + R2
FIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com