Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 12 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 12 Page - Microchip Technology

Back Button AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology AN795 Datasheet HTML 11Page - Microchip Technology AN795 Datasheet HTML 12Page - Microchip Technology AN795 Datasheet HTML 13Page - Microchip Technology AN795 Datasheet HTML 14Page - Microchip Technology AN795 Datasheet HTML 15Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AN795
© 2002 Microchip Technology, Inc.
DS00795A-page 12
FREQUENCY DIFFERENCE MEASUREMENT
Frequency-difference measurement is accomplished by using two TC9400's in the F/V mode to convert both frequencies into two
proportional analog voltages (V1 and V2). V2 is inverted by a unity gain inverter. V1 and –V2 are then added by the summing op-amp
to give a voltage proportional to the frequency difference between F2 and F1.
Since the TC9400 V/F input is actually the summing junction to an op-amp, V1 and –V2 can be summed at the TC9400 input to
generate a frequency output proportional to the difference between F1 and F2.
CONVERTERS SIMPLIFY DESIGN OF FREQUENCY MULTIPLIER*
By using a programmable digital-to-analog converter in combination with frequency-to-voltage and voltage-to-frequency converters, this
circuit can multiply an input frequency by any number. Because it needs neither combinational logic nor a high-speed counter, it is more
flexible than competing designs, uses fewer parts, and is simpler to build.
As shown in the figure on the next page, the V/F converter, a TC9400, transforms the input frequency into a corresponding voltage. An
inexpensive device, the converter, requires only a few external components for setting its upper operating frequency as high as 100kHz.
Next the signal is applied to the reference port of the DAC-03 D/A converter, where it is amplified by the frequency-multiplying factor
programmed into the converter by thumbwheel switches or a microcontroller. The D/A converter's output is the product of the analog
input voltage and the digital gain factor.
R3 sets the gain of the op-amp to any value, providing trim adjustment or a convenient way to scale the D/A converter's output to a much
higher or lower voltage for the final stage, a TC9400 converter that operates in the voltage-to-frequency mode. The op-amp and R3 can
also be used to set circuit gain to non-integer values. The V/F device then converts the input voltage into a proportionally higher or lower
frequency.
FIGURE 25: Frequency difference measurement.
F2
TC9400
F/V
TC9400
F/V
TC9400
V/F
Op
Amp
–1
F1
V2
V1
–V2
FOUT = K1 (F1 – F2)
VOUT = K2 (F2 – F1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com