Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 8 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AN795 Datasheet HTML 4Page - Microchip Technology AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology AN795 Datasheet HTML 11Page - Microchip Technology AN795 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AN795
© 2002 Microchip Technology, Inc.
DS00795A-page 8
FREQUENCY METER
The TC9400 will convert any frequency below 100kHz into an output voltage, which is linearly proportional to the input frequency. The
equivalent frequency is then displayed on an analog meter. If the incoming frequency is above 100kHz, a frequency divider in front of the
TC9400 can be used to scale the frequency down into the 100kHz region.
Analog Meter
FIN
TC9400
F/V
VOUT
FIGURE 17: Frequency meter.
TACHOMETER BAR GRAPH DISPLAY
A tachometer can be constructed by using the TC9400 in the F/V mode to convert the frequency information (RPM) into a a linearly-
proportional voltage. This voltage is then compared to one of "n" comparators (8 in this example). When the voltage exceeds the trip
point of a comparator, the respective LED lights up and will continue to stay lit as long as the voltage exceeds the trip point. This gives
a bar-graph-type display, with the height of the bar being proportional to RPM.
FIGURE 18: Tachometer bar graph display.
Display
FIN
Visible
LEDs
Two TC1027
Quad Comparators
TC9400
F/V
V+
TC1027 VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com