Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 5 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 5 Page - Microchip Technology

  AN795 Datasheet HTML 1Page - Microchip Technology AN795 Datasheet HTML 2Page - Microchip Technology AN795 Datasheet HTML 3Page - Microchip Technology AN795 Datasheet HTML 4Page - Microchip Technology AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DS00795A-page 5
© 2002 Microchip Technology, Inc.
AN795
LONG-TERM INTEGRATOR FOR BIPOLAR (
±) SIGNALS
When the input signal is negative as well as positive, there has to be a way of generating "negative" frequencies. An absolute value
circuit accomplishes this by giving the V/F converter a positive voltage only; and also telling the counter to count up for a positive
voltage and to count down for a negative voltage.
ANALOG SIGNAL TRANSMISSION OVER TELEPHONE LINES
The TC9400's square-wave output is ideal for transmitting analog data over telephone lines. A square wave is actually preferred over
a pulse waveform for data transmission, since the square wave takes up less frequency spectrum.
The square wave's spectrum can be further reduced by use of low-pass filters.
At the other end of the telephone line, the TC9400 converts the frequency signal back into a voltage output linearly proportional to the
original input voltage.
VIN
Reset
Up/Down
Counter
Up/Down
TC9400
V/F
+
+
Op
Amp
Absolute Value Circuit
Op
Amp
1M
47k
47k
500k
VIN
TC9400
F/V
9400
V/F
Telephone
System Linearity
0.03%
~
Telephone
VOUT
FIGURE 10: Long-term integrator for bipolar (
±) signals.
FIGURE 11: Analog signal transmission over telephone lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com