Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 4 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 4 Page - Microchip Technology

  AN795 Datasheet HTML 1Page - Microchip Technology AN795 Datasheet HTML 2Page - Microchip Technology AN795 Datasheet HTML 3Page - Microchip Technology AN795 Datasheet HTML 4Page - Microchip Technology AN795 Datasheet HTML 5Page - Microchip Technology AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AN795
© 2002 Microchip Technology, Inc.
DS00795A-page 4
13-BIT A/D CONVERTER
A 13-bit binary A/D converter can be built by combining the TC9400 V/F converter with a counter, latch, and time base. When the V/F
converter is set up for 10kHz full scale, a 1-second time base will provide one conversion per second.
4-DIGIT VOLTMETER WITH OPTOISOLATED INPUT
The use of a frequency counter will give a display of the V/F converter's frequency, which is directly proportional to the input voltage.
When the V/F converter is running at 10kHz full scale, a 1-second time base will give 4-digit resolution with 1 reading per second.
The optoisolator is used for transmitting the frequency, so there is no DC path to the frequency counter. This is especially useful in
medical applications, where a voltage probe should not be directly connected to the human body.
LONG-TERM INTEGRATOR WITH INFINITE HOLD
This system will integrate an input signal for minutes or days, and hold its output indefinitely. The data is held in a digital counter and
stays there until the counter is reset. Typical applications involve controlling the amount of surface metal deposited in a plating system
or how much charge a battery has taken on.
VIN
TC9400
V/F
Gate
Reset
Latch
Time
Base
13-bit Latch
13-bit Binary Counter
121110 9 8 7654 321 0
Bit
1MΩ
VIN
TC9400
V/F
Battery or
Transformer
Isolated
Supply
Frequency Counter
+
V+
1M
Ω
TC9400
V/F
Digital Display
VOUT
Reset
α
t
o
∫
Binary
or BCD
Counter
D/A
Converter
VIN
VIN dt
VOUT
FIGURE 7: 13-Bit A/D converter.
FIGURE 8: 4-Digit voltmeter with optoisolated input.
FIGURE 9: Long-term integrator with infinite hold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com