Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN795 Datasheet(PDF) 10 Page - Microchip Technology

Part # AN795
Description  Voltage-to-Frequency/Frequency-to-Voltage Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN795 Datasheet(HTML) 10 Page - Microchip Technology

Back Button AN795 Datasheet HTML 6Page - Microchip Technology AN795 Datasheet HTML 7Page - Microchip Technology AN795 Datasheet HTML 8Page - Microchip Technology AN795 Datasheet HTML 9Page - Microchip Technology AN795 Datasheet HTML 10Page - Microchip Technology AN795 Datasheet HTML 11Page - Microchip Technology AN795 Datasheet HTML 12Page - Microchip Technology AN795 Datasheet HTML 13Page - Microchip Technology AN795 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AN795
© 2002 Microchip Technology, Inc.
DS00795A-page 10
ANALOG DATA TRANSMISSION ON DC SUPPLY LINES (TWO-WAY TRANSMITTER)
By converting an analog voltage to a linearly-proportional pulse train of short duration, it is possible to transmit this data on the same
wires used to energize the V/F converter.
The TC9400 V/F converter shorts out the DC supply for 3
µsec out of each period. At 100kHz, the supply line is down 30% of the
10
µsec period. As the frequency is lowered, the down-time decreases, so that at 1kHz the line is down only 0.3% of the time.
Two precautions are necessary to assure that the system does not stop functioning during the shorting period. At the power supply
end, a 1.2k resistor limits the current to 10mA on a 15V supply line. This prevents the TC9400 from being operated beyond its output
rating and at the same time prevents the supply from being shorted out. At the V/F end, a capacitor is used to keep the TC9400
energized, while the diode keeps the capacitor from being discharged.
Since the TC9400 requires only 2mA of current, a 1
µF capacitor ensures a stable voltage (the ripple is only 6mV). Since the 3µsec
pulses appear at the left side of the 1.2k
Ω resistor, it is easy to sense the signal here and convert the data back into a recognizable
format. A frequency counter connected at this point will directly display the input voltage by counting the frequency.
If an analog output is required, a TC9400 in the F/V mode can be used to convert the frequency back into a voltage. The overall
linearity is on the order of 0.03%, when both V/F and F/V are used. If only the V/F is used, 0.01% linearity can easily be achieved.
DIGITALLY CONTROLLED FREQUENCY SOURCE
This system generates frequencies controlled by a microcontroller counter, register, or thumb-wheel switches. Applications for such a
system include computer-controlled test equipment and numerically-controlled machine tools.
FIGURE 21: Analog data transmission on DC supply lines (two-way transmitter).
FIGURE 22: Digitally controlled frequency source.
Frequency
Counter
+
Remote Sensor
Analog Display
Analog
Input
TC9400
V/F
Digital Display
+
–
49
8
14
+
1
µF
1.2k
Ω
8-15V
DC
Power
Supply
3
–
TC9400
F/V
8
10
FOUT
1/2 FOUT
D/A
TC9400
V/F
Digital
Signal
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com