Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 37 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 37 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 33Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 34Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 35Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 36Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 37Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 38Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 39Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 40Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 41Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-35
The addresses FFFF00H to FFFFFFH (256 bytes) of the TMP93CS44/S45 are assigned
for interrupt vector area.
Table 3.4.1 TMP93CS44/S45 Interrupt Table
Default Priority
Type
Interrupt Source
Vector Value
“V”
Address
Refer to
Vector
Micro DMA
Start Vector
1
Reset or SWI0 instruction
0 000H F F F F 0 0 H
−
2
SWI 1 instruction
0 004H F F F F 0 4 H
−
3
Illegal instruction, or SWI2
0 008H F F F F 0 8 H
−
4
SWI 3 instruction
0 0 0 C H FFFF 0 C H
−
5
SWI 4 instruction
0 010H F F F F 1 0 H
−
6
SWI 5 instruction
0 014H F F F F 1 4 H
−
7
SWI 6 instruction
0 018H F F F F 1 8 H
−
8
SWI 7 instruction
0 0 1 C H FFFF 1 C H
−
9
NMI:
NMI
pin input
0 020H F F F F 2 0 H
08H
10
Non-
maskable
INTWD: Watchdog timer
0 024H F F F F 2 4 H
09H
11
INT0:
INT0 pin input
0 028H F F F F 2 8 H
0AH
12
INT1:
INT1 pin input
0 0 2 C H FFFF 2 C H
0BH
13
INT4:
INT4 pin input
0 030H F F F F 3 0 H
0CH
14
INT5:
INT5 pin input
0 034H F F F F 3 4 H
0DH
15
INT6:
INT6 pin input
0 038H F F F F 3 8 H
0EH
16
INT7:
INT7 pin input
0 0 3 C H FFFF 3 C H
0FH
17
INTT0:
8-bit timer 0
0 040H F F F F 4 0 H
10H
18
INTT1:
8-bit timer 1
0 044H F F F F 4 4 H
11H
19
INTT2:
8-bit timer 2
0 048H F F F F 4 8 H
12H
20
INTT3:
8-bit timer 3
0 0 4 C H FFFF 4 C H
13H
21
INTTR4: 16-bit timer 4 (TREG4)
0 050H F F F F 5 0 H
14H
22
INTTR5: 16-bit timer 4 (TREG5)
0 054H F F F F 5 4 H
15H
23
INTTR6: 16-bit timer 5 (TREG6)
0 058H F F F F 5 8 H
16H
24
INTTR7: 16-bit timer 5 (TREG7)
0 0 5 C H FFFF 5 C H
17H
25
INTTO4: 16-bit timer 4 (Overflow)
0 060H F F F F 6 0 H
18H
26
INTTO5: 16-bit timer 5 (Overflow)
0 064H F F F F 6 4 H
19H
27
INTRX0: Serial receive (Channel 0)
0 068H F F F F 6 8 H
1AH
28
INTTX0: Serial send (Channel 0)
0 0 6 C H FFFF 6 C H
1BH
29
INTRX1: Serial receive (Channel 1)
0 070H F F F F 7 0 H
1CH
30
INTTX1: Serial send (Channel 1)
0 074H F F F F 7 4 H
1DH
31
INTAD:
AD conversion completion
0 078H F F F F 7 8 H
1EH
32
INTS2:
Serial bus send and receive
0 0 7 C H FFFF 7 C H
1FH
−
(Reserved)
0 080H F F F F 8 0 H
−
to
to
to
to
to
−
Maskable
(Reserved)
0 0 F C H F F F F F C H
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com