Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 78 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 78 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 74Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 75Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 76Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 77Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 78Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 79Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 80Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 81Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 82Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-76
3.6.4
Bus Width/Wait Control
An image of the actual bus width/wait control is shown below. Out of the whole memory
area, address areas that can be specified are divided into four parts. Addresses from
000000H to 3FFFFFH are divided differently: 7F00H to 7FFFH is specified for WAITC0;
880H to 7FFFH, for WAITC1; and 8000H to 3FFFFFH, for WAITC2. The reason is that a
device other than ROM (e.g., RAM or I/O) might be connected externally.
7F00H to 7FFFH (256 bytes) for WAITC0 are mapped mainly for possible expansions to
external I/O.
880H to 7FFFH (approx. 31 Kbytes) for WAITC1 are mapped there mainly for possible
extensions to external RAM.
8000H to 3FFFFFH (approx. 4 Mbytes) for WAITC2 are mapped mainly for possible
extensions to external ROM. With the TMP93CS45, which does not have a built-in ROM,
the program is externally read at address FF0000H in this setting (16-bit bus, 2 waits).
With the TMP93CS44 which has a built-in ROM, addresses from FF0000H to FFFFFFH
are used as the internal ROM area; WAITC2 is disabled in this area. After reset, the CPU
reads the program from the built-in ROM in 16-bit bus, 0 WAIT mode.
Note 1: Access priority is highest for built-in I/O, then built-in memory, and lowest for the bus
width/wait controller.
Note 2: External areas other than WAITC0 to WAITC2 are accessed in 0 WAIT mode. In the
TMP93CS45, when the AM8/ AM16 pin is set to “L”, the data bus width is fixed to 16-bit.
When the AM8/ AM16 pin is set to “H”, it is fixed to 8 bits. In the TMP93CS44, the data
bus width is always fixed to 16 bits.
When using the bus width/wait controller, do not specify the same address area more
than once. (However, when addresses 7F00H to 7FFFH for WAITC0 and 880H to
7FFFH for WAITC1 are specified, in other words, specifications overlap, only the
WAITC0 setting is active.)
000000H
7F00H
8000H
400000H
800000H
C00000H
FFFFFFH
<B0C1:0>
= 00
<B0C1:0>
= 01
<B0C1:0>
= 10
<B0C1:0>
= 11
(Mainly for I/O)
WAITC0
<B1C1:0>
= 00
<B1C1:0>
= 01
<B1C1:0>
= 10
<B1C1:0>
= 11
(Mainly for RAM)
WAITC1
880H
<B2C1:0>
= 01
<B2C1:0>
= 10
<B2C1:0>
= 11
(Mainly for ROM)
WAITC2
<B2C1:0>
= 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com