Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 53 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 53 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 51Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 52Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 53Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 54Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 57Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-51
Table 3.5.2 I/O Registers and Specification (2/2)
I/O Register
Port
Name
Specification
Pn
PnCR
PnFC
Input port
×
0
0
Output port
×
1
0
P44
TO4 output
×
1
1
Input port/TI6/INT6 input
×
0
P45
Output port
×
1
Input port/TI7/INT7 input
×
0
P46
Output port
×
1
None
Input port
×
0
0
Output port
×
1
0
Port 4
P47
TO6 output
×
1
1
Input port
×
Port 5
P50 to P57
AN0 to AN7 input (Note 4)
×
None
Input port (without pull up)
0
0
0
Input port (with pull up)
1
0
0
Output port
×
1
0
P60
TXD0 output
×
1
1
Input port/RXD0 input (without pull up)
0
0
Input port/RXD0 input (with pull up)
1
0
P61
Output port
×
1
None
Input port/SCLK0/
0
CTS
input (without pull up)
0
0
0
Input port/SCLK0/
0
CTS
input (with pull up)
1
0
0
Output port
×
1
0
P62
SCLK0 output
×
1
1
Input port (without pull up)
0
0
0
Input port (with pull up)
1
0
0
Output port
×
1
0
P63
TXD1 output (Note 3)
×
1
1
Input port/RXD1 input (without pull up)
0
0
Input port/RXD1 input (with pull up)
1
0
P64
Output port
×
1
None
Input port/SCLK1/
1
CTS
input (without pull up)
0
0
0
Input port/SCLK1/
1
CTS
input (with pull up)
1
0
0
Output port
×
1
0
P65
SCLK1 output
×
1
1
Input port
×
0
Output port (Note 5)
×
1
Port 6
P66, P67
XT1/2 (Note 6)
×
0
None
Input port/ WAIT input
×
0
P70
Output port
×
1
Input port
×
0
Port 7
P71 to P77
Output port
×
1
None
X: Don’t care, n: Port number
Note 4: Using P50 to P57 pins as input channels for the AD converter, the channels are
selected by ADMOD1<ADCH2:0>.
Note 5: Using P66 and P67 pins as the output ports, output is through the open-drain buffer.
Note 6: Using P66 and P67 pins as the XT1 to XT2, oscillation is enabled by the SYSCR0
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com