Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 94 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 94 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 90Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 91Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 92Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 93Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 94Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 95Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 96Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 97Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 98Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-92
2. Generating a 50% duty square wave pulse
The timer flip-flop is included in timer 1 and 3.
The timer flip-flop (TFF3) is inverted at constant intervals, and its status is
output to timer output pin (TO3). The output pin of TFF1 does not exist.
Example: To output a 2.4 (s square wave pulse from TO3 pin at fc ( 20 MHz, set each register in the following
procedures. Either timer 2 or timer 3 may be used, but this example uses timer 3.
* Clock condition
System clock:
High frequency (fs)
Clock gear:
1 (fc)
Prescaler clock: fFPH
7
6
5
4
3
2
1
0
TRUN
← − X − − 0 − − −
Stop timer 3, and clear it to “0”.
T32MOD
← 0 0 X X 0 1 − −
Set the 8-bit timer mode, and select
φT1 (0.4 µs at fc = 20
MHz) as the input clock.
TREG3
← 0 0 0 0 0 0 1 1
Set the timer register at 2.4
µs ÷ φT1 ÷ 2 = 3.
TFFCR
← 1 0 1 1 − − − −
Set TFF3 to “0”, and set to invert by the match detect signal
from timer 3.
P4CR
← − − − − − − 1 −
P4FC
← − X X − X X 1 X
Select P41 as TO3 pin.
TRUN
← − X − − 1 − − −
Start timer 3 counting.
X: Don’t care,
−: No change
Figure 3.7.10 Square Wave (50% duty) Output Timing Chart
1.2
µs at fc = 20 MHz
0
1
2
3
0
1
2
3
0
1
2
3
0
φT1
TRUN
<T3RUN>
Bit7 to 2
Bit1
Bit0
INTT3
TFF3
TO3
Up counter
Comparator timing
Comparator output
(Matching detect)
UC3 clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com