Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 59 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 59 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 55Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 56Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 57Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 58Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 59Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 60Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 61Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 62Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 63Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-57
Port 2 Register
7
6
5
4
3
2
1
0
Bit symbol
P27
P26
P25
P24
P23
P22
P21
P20
P2
(0006H)
Read/Write
R/W
After reset
Input mode (Output latch register is set to “1”.)
Note 1:
When port 2 is used in the input mode, P2 register controls the built-in pull-up resistor. Read-modify-write is
prohibited in the input mode or the I/O mode.
Setting the built-in pull-up resistor may be depended on the states of the input pin.
Port 2 Control Register
7
6
5
4
3
2
1
0
Bit symbol
P27C
P26C
P25C
P24C
P23C
P22C
P21C
P20C
P2CR
(0008H)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Function
<<See P2FC below.>>
Prohibit
read-
modify-
write
Port 2 Function Register
7
6
5
4
3
2
1
0
Bit symbol
P27F
P26F
P25F
P24F
P23F
P22F
P21F
P20F
P2FC
(0009H)
Read/Write
W
After reset
0
0
0
0
0
0
0
0
Function
P2FC/P2CR
= 00: Input 01: Output 10: A7 to A0 11: A23 to A16
Prohibit
read-
modify-
write
Note 2:
<P2XF> is bit X in register P2FC; <P2XC>, in register P2CR. To set as an address bus A23 to A16, set
P2FC after setting P2CR.
Figure 3.5.5 Registers for Port 2
Port 2 function setting
P2FC<P2XF>
P2CR<P2XC>
0
1
0
Input port
Address bus
(A7 to A0)
1
Output port
Address bus
(A23 to A16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com