Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 23Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 24Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 25Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 26Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 27Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-22
3.3.2
Prescaler Clock Controller
The 9-bit prescaler provides a clock to 8-bit timer 0, 1, 2, 3, 16-bit timer 4, 5, and serial
interface 0, 1.
The clock input to the 9-bit prescaler is selected either fFPH, fc/16, or fs by
SYSCR0<PRCK1:0> register.
<PRCK1:0> register is initialized to “00” by resetting.
When the IDLE 1 mode (Operates only oscillator) is used, set TRUN<PRRUN> to “0” to
stop 9 bit prescaler before “HALT” instruction is executed.
3.3.3
Internal Clock Pin Output Function
CLK pin outputs fSYS divided by 2 internal clock.
Outputs are specified by the clock output control register CKOCR<CLKEN>. Writing “1”
sets clock output, and writing “0” sets high impedance.
After reset, CKOCR<CLKEN> is depended on each product types. It is necessary to set
for each usage. Table 3.3.3 shows the value and operation after reset.
During reset, CLK pin is internally pulled up regardless of the value of <CLKEN>
register. See “TMP93CS44/S45 Reset Timing Chart” in Figure 3.1.1 and Figure 3.1.2.
Table 3.3.3 <CLKEN> and CLK Pin Operation after Reset
Type Number
CKOCR<CLKEN>
CLK Pin Operation
TMP93CS44
0
High impedance
TMP93CS45
1
fSYS/2 clock output
Note: To set <CLKEN>
= “0” and set CLK pin to high impedance, pull up externally to prevent
through current which follows to the input buffer of CLK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com