Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP93CS44 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # TMP93CS44
Description  CMOS 16-Bit Microcontroller
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS44 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button TMP93CS44 Datasheet HTML 15Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 16Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 17Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 18Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 19Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 20Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 21Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 22Page - Toshiba Semiconductor TMP93CS44 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 224 page
background image
TMP93CS44/S45
2004-02-10
93CS44-17
3.3.1
System Clock Controller
The system clock controller generates system clock (fSYS) for CPU core and internal I/O.
It contains two oscillation circuits and clock gear circuit for high frequency (fc). The register
SYSCR1<SYSCK> changes system clock to either fc or fs, SYSCR0<XEN>, <XTEN>
controls enable/disable each oscillator, SYSCR1<GEAR2:0> changes high-frequency clock
gear to either 1, 2, 4, 8 or 16 (fc, fc/2, fc/4, fc/8 or fc/16), and these functions can reduce the
power consumption of the equipment in which the device is installed.
The system clock (fSYS) is set to fc/32 (fc/16 × 1/2) because of <XEN> = “1”, <XTEN> = “0”,
<SYSCK>
= “0”, <GEAR2:0> = “100” by resetting. For example, fSYS is set to 0.625 MHz by
resetting the case of 20 MHz oscillator is connected to X1, X2 pins.
The high-frequency (fc) and low-frequency (fs) clocks can be easily obtained by connecting
a resonator to the X1/X2, XT1/XT2 pins, respectively. Clock input from an external
oscillator is also possible.
The XT1, XT2 pins have also port 66, 67 function. Therefore the case of single clock mode,
the XT1, XT2 pins can be used as I/O port pins.
Figure 3.3.4 Examples of Resonator Connection
Note 1: Note on using the low-frequency oscillation circuit.
In connecting the low-frequency resonator to ports 66 and 67, it is necessary to make the
following settings to reduce the power consumption.
(Connecting with resonators)
P6CR<P66C:67C> = “11”, P6<P66:67> = “00”
(Connecting with oscillators)
P6CR<P66C:67C>
= “11”, P6<P66:67> = “10”
Note 2: Accurate adjustment of the oscillation frequency.
The CLK pin outputs at 1/2 the system clock frequency (fSYS/2) is used to monitor the oscillation
clock. With a system requiring adjustment of the oscillation frequency, an adjusting program
must be written.
X1
X2
74HCU04
(a) Crystal/ceramic
resonator
(b) External oscillator
High-frequency clock
X1
X2
XT1
XT2
XT1
XT2
(c) Crystal resonator
(d) External oscillator
Low-frequency clock
(Open)
Refer to chapter
5 “Application
Circuit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com